| Electronic Components Datasheet Search |
|
AS1109B Marking, AS1109-BQFR Datasheet(PDF) 5 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
AS1109-BQFR Datasheet(HTML) 5 Page - ams-OSRAM AG |
|
5 / 26 page ![]() www.ams.com/LED-Driver-ICs/AS1109 Revision 1.21 3 - 24 AS1109 Datasheet - A b s o l u t e M a x i m u m R a t i n g s 5 Absolute Maximum Ratings Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 2. Absolute Maximum Ratings Parameter Min Max Units Comments Electrical Parameters VDD to GND -0.3 7 V Input Voltage -0.4 VDD + 0.4 V Output Voltage -0.4 15 V GND Pin Current 1000 mA Input Current (latch-up immunity) -100 100 mA Norm: JEDEC 78 Electrostatic Discharge Electrostatic Discharge HBM 2 kV Norm: MIL 883 E method 3015 Temperature Ranges and Storage Conditions Thermal Resistance ΘJA 33 ºC/W on PCB, 16-pin SOIC-150 package 113 ºC/W on PCB, 16-pin QSOP-150 package 32 ºC/W on PCB, 16-pin QFN (4x4mm) package Storage Temperature Range -55 +150 ºC Package Body Temperature +260 ºC The reflow peak soldering temperature (body temperature) specified is in accordance with IPC/ JEDEC J-STD-020“Moisture/Reflow Sensitivity Classification for Non-Hermetic Solid State Surface Mount Devices”. The lead finish for Pb-free leaded packages is matte tin (100% Sn). Humidity non-condensing 5 85 % Moisture Sensitive Level QFN and QSOP 1 Represents a maximum floor life time of unlimited Moisture Sensitive Layer (SOIC) 3 Represents a maximum floor life of 168h |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |