Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1109B Marking, AS1109-BQFR Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS1109-BQFR
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1109-BQFR Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS1109-BQFR Datasheet HTML 13Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 14Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 15Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 16Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 17Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 18Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 19Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 20Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
15 - 24
AS1109
Datasheet - Detailed Descr i p ti on
Figure 18. Switching into Low-Current Diagnostic Mode Timing Diagram
8.7 Shutdown Mode
The AS1109 features a shutdown mode which can be entered via 4 clock pulses during error-detection mode. To enable the shutdown mode a 0
must be placed at SDI after the rising edge of the 3rd clock pulse.
To disable shutdown mode a 1 must be placed at SDI after the 3rd clock pulse. The shutdown/wakeup information will be latched through if
multiple AS1109 devices are in a chain. At the rising edge of the 4th clock pulse the shutdown bit will be read out and the AS1109 will shutdown
or wakeup.
Note:
In shutdown mode the supply current drops down to typically 3µA.
Figure 19. Shutdown Mode Timing Diagram
OFLAG
TFLAG
SFLAG
Don’t
Care
Re-entering Error Detection
Mode
tTESTING
Global Flag Readout
SDI
OEN
LD
CLK
SDO
Load Internal all 1s Test
Pattern
(optional)
tH(L)
tP4
tSW(ERROR)
tP1
tSU(ERROR)
Normal Operation Current
For detailed timing information see Timing Diagrams on page 8.
tGSW(ERROR)
tGSW(ERROR)
tGSW(ERROR)
2µs Low-Current Diagnosis Mode
tH(L)
SDI
OEN
LD
CLK
SDO
1 = Wakeup
0 = Shutdown
1 = Wakeup
0 = Shutdown
OFLAG
TFLAG
SFLAG
tP4
tSU(ERROR)
tSU(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26