Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1109B Marking, AS1109-BQFR Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS1109-BQFR
Description  Constant-Current, 8-Bit LED Driver with Diagnostics
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1109-BQFR Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS1109-BQFR Datasheet HTML 17Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 18Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 19Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 20Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 21Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 22Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 23Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 24Page - ams-OSRAM AG AS1109-BQFR Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ams.com/LED-Driver-ICs/AS1109
Revision 1.21
19 - 24
AS1109
Datasheet - Application In form atio n
9.5 Package Power Dissipation
The maximum allowable package power dissipation (PD) is determined as:
PD(MAX) = (TJ-TAMB)/RTH(J-A)
(EQ 4)
When 8 output channels are turned on simultaneously, the actual package power dissipation is:
PD(ACT) = (IDD*VDD) + (IOUT*Duty*VDS*8)
(EQ 5)
Therefore, to keep PD(ACT)
≤ PD(MAX), the allowable maximum output current as a function of duty cycle is:
IOUT = {[(TJ-TAMB)/RTH(J-A)]-(IDD*VDD)}/VDS/Duty/8
(EQ 6)
Where:
TJ = 150ºC
9.6 Delayed Outputs
The AS1109 has graduated delay circuits between outputs. These delay circuits can be found between OUTNn and constant current block.
The fixed delay time is 20 ns (typ) where OUTN0 has no delay, OUTN1 has 20ns delay, OUTN2 has 40ns delay ... OUTN7 has 140ns delay. This
delay prevents large inrush currents, which reduce power supply bypass capacitor requirements when the outputs turn on (see Figure 12 on
page 9)
9.7 Switching-Noise Reduction
LED drivers are frequently used in switch-mode applications which normally exhibit switching noise due to parasitic inductance on the PCB.
9.8 Load Supply Voltage
Considering the package power dissipation limits (see EQ 4:6), the AS1109 should be operated within the range of
VDS = 0.4 to 1.0V.
For example, if VLED is higher than 5V, VDS may be so high that PD(ACT) > PD(MAX) where VDS = VLED - VF. In this case, the lowest possible
supply voltage or a voltage reducer (VDROP) should be used. The voltage reducer allows
VDS = (VLED -VF) - VDROP.
Note:
Resistors or zener diodes can be used as a voltage reducer as shown in Figure 24.
Figure 24. Voltage Reducer using Resistor (Left) and Zener Diode (Right)
AS1109
VDS
VF
Voltage Supply
}
VLED
VDROP
AS1109
VDS
VF
VLED
VDROP
Voltage Supply
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26