Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

AS1163 Marking, Q65113A6575 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # Q65113A6575
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

Q65113A6575 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button Q65113A6575 Datasheet HTML 40Page - ams-OSRAM AG Q65113A6575 Datasheet HTML 41Page - ams-OSRAM AG Q65113A6575 Datasheet HTML 42Page - ams-OSRAM AG Q65113A6575 Datasheet HTML 43Page - ams-OSRAM AG Q65113A6575 Datasheet HTML 44Page - ams-OSRAM AG Q65113A6575 Datasheet HTML 45Page - ams-OSRAM AG Q65113A6575 Datasheet HTML 46Page - ams-OSRAM AG Q65113A6575 Datasheet HTML 47Page - ams-OSRAM AG Q65113A6575 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
44 / 91
/
6.8
I²C bridge
The device can operate as an OSP-to-I²C-gateway as illustrated in the Figure 21, using one
LED channel for the I²C pads.
Figure 21: OSP-to-I²C bridge
Note: In an I²C read transaction, the AS1163 does not generate the clock pulse for the last
ack/nack.
6.8.1
I²C bridge configuration
If the OTP bit I2C_BRIDGE_EN is high, channel 2 is configured as I²C bridge.
A dedicated de-glitch filter provides protection against glitches with nominal duration < 50 ns,
complying with the I²C standard.
Specifically, the drivers belonging to channel 2 are re-purposed to serve as I²C-compatible
interface (R2, G2, B2 become SDA, SCL and INT) as shown in Table 2 and Table 3 external
pull-up resistors to VDD are required: The value of the pull-ups depends on system design,
see “I²C-bus specification and user manual” UM10204 section 7.1 for details. A typical value is
4.7kOhm.
The third driver of the channel is permanently OFF and working as digital input for the interrupt
bit, which is active low. The interrupt flag is stored into the I²C register and is available to the
customer for reading (see READI2CCFG).
Table 12: Channel 2 configuration when I²C bridge is enabled
R2
G2
B2
I²C function
SDA
SCL
INTERRUPT
Driver enable state (direction)
Input/output
Output
Input
Interrupt is captured by the digital part via a dedicated register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com