| Electronic Components Datasheet Search |
|
AS1163 Marking, Q65113A6575 Datasheet(PDF) 5 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
Q65113A6575 Datasheet(HTML) 5 Page - ams-OSRAM AG |
|
5 / 91 page ![]() AS1163 General description Datasheet • PUBLIC • Document Feedback DS001075 • v2-00 • 2025-Nov-21 5 / 91 / 1.1 Key benefits & features The benefits and features of AS1163, SAID - Standalone intelligent driver are listed below: Table 1: Added value of using AS1163 Benefits Features Cost effective system design Single layer PCB Slim layout 3x RGB channels per IC Sensing integration I²C gateway (compatible with 5V and tolerant for 3V3 and 1V8) Open system protocol • Auto-addressing 2.4 Mbit/s two-wire daisy chain protocol • Up to 1000 nodes • CRC protected communication Adjustable output current 1.5, 3, 6, 12, 24, 48 mA (3×outputs: Max. 48mA; 6×outputs: max. 24mA) Configurable output power Output clustering options (up to 288 mA) Brightness adjustment 16-bit equivalent dynamic range when LSB dithering function is activated. 15-bit PWM engine @ 500 Hz 14-bit PWM engine @ 1000 Hz • Low EMI • Low power consumption • Reduced phantom effect Enhanced driving mode (Dithering) Star network implementation External setting of parallel addressing (also called branching) Sync pin External HW sync for display application Remote analog input for sensing Integrated 10-bit ADC + MUX – range VDD – VDD-3.56 V Functional Safety QM (compliant with ASIL-B on system level) Automotive AEC-Q100 grade 1 1.2 Applications • Interior dynamic lighting effect • Ambient lighting • Functional lighting • Exterior lighting (e.g. grill application) • Roof lighting • Smart surface |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |