| Electronic Components Datasheet Search |
|
AS1163 Marking, Q65113A6575 Datasheet(PDF) 87 Page - ams-OSRAM AG |
|
||||||||||||||||||||||||||||||
Q65113A6575 Datasheet(HTML) 87 Page - ams-OSRAM AG |
|
87 / 91 page ![]() AS1163 Tape & reel information Datasheet • PUBLIC • Document Feedback DS001075 • v2-00 • 2025-Nov-21 87 / 91 / 9 Tape & reel information Figure 35: AS1163 tape and reel Table 40: Reel dimensions A W Nmin W1 W2max Pieces per PU 330 mm 12 + 0.3/-0.3 mm 102 mm 12.8 mm 18.2 mm 5000 180 mm 12 + 0.3/-0.3 mm 60 mm 12.4 +2/-0 mm 18.4 mm max 1000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |