| Electronic Components Datasheet Search |
|
G4PC50W Marking, IRG4PC50W Datasheet(PDF) 3 Page - International Rectifier |
|
||||||||||||||||||||||||||||||
IRG4PC50W Datasheet(HTML) 3 Page - International Rectifier |
|
3 / 8 page ![]() IRG4PC50W www.irf.com 3 Fig. 1 - Typical Load Current vs. Frequency (Load Current = IRMS of fundamental) Fig. 2 - Typical Output Characteristics Fig. 3 - Typical Transfer Characteristics 1 10 100 1000 1 10 V , Collector-to-Emitter Voltage (V) CE V = 15V 20µs PULSE WIDTH GE T = 150 C J ° T = 25 C J ° 1 10 100 1000 5 6 7 8 9 10 11 V , Gate-to-Emitter Voltage (V) GE V = 50V 5µs PULSE WIDTH CC T = 150 C J ° T = 25 C J ° 0 20 40 60 80 100 0 . 1 1 1 0 100 1000 f, Frequency (kHz) A 60% of ra te d vo l t a g e Ideal diodes S q uare wa ve: F o r bot h: D uty cy cle : 5 0% T = 12 5 °C T = 90 °C G a te drive as s pecified sin k J P o w e r D is s ip at io n = 40 W Tria ng ular w a v e : C la m p vo lt a ge: 80 % o f ra te d |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |