| Electronic Components Datasheet Search |
|
G4PC50W Marking, IRG4PC50W Datasheet(PDF) 1 Page - International Rectifier |
|
||||||||||||||||||||||||||||||
IRG4PC50W Datasheet(HTML) 1 Page - International Rectifier |
|
1 / 8 page ![]() Parameter Max. Units VCES Collector-to-Emitter Breakdown Voltage 600 V IC @ TC = 25°C Continuous Collector Current 55 IC @ TC = 100°C Continuous Collector Current 27 A ICM Pulsed Collector Current Q 220 ILM Clamped Inductive Load Current R 220 VGE Gate-to-Emitter Voltage ± 20 V EARV Reverse Voltage Avalanche Energy S 170 mJ PD @ TC = 25°C Maximum Power Dissipation 200 PD @ TC = 100°C Maximum Power Dissipation 78 TJ Operating Junction and -55 to + 150 TSTG Storage Temperature Range Soldering Temperature, for 10 seconds 300 (0.063 in. (1.6mm from case ) °C Mounting torque, 6-32 or M3 screw. 10 lbf•in (1.1N•m) IRG4PC50W INSULATED GATE BIPOLAR TRANSISTOR PD - 91657B E C G n-channel TO-247AC Features Features Features Features Features • Designed expressly for Switch-Mode Power Supply and PFC (power factor correction) applications • Industry-benchmark switching losses improve efficiency of all power supply topologies • 50% reduction of Eoff parameter • Low IGBT conduction losses • Latest-generation IGBT design and construction offers tighter parameters distribution, exceptional reliability • Lower switching losses allow more cost-effective operation than power MOSFETs up to 150 kHz ("hard switched" mode) • Of particular benefit to single-ended converters and boost PFC topologies 150W and higher • Low conduction losses and minimal minority-carrier recombination make these an excellent option for resonant mode switching as well (up to >300 kHz) Benefits VCES = 600V VCE(on) max. = 2.30V @VGE = 15V, IC = 27A Parameter Typ. Max. Units RθJC Junction-to-Case ––– 0.64 RθCS Case-to-Sink, Flat, Greased Surface 0.24 ––– °C/W RθJA Junction-to-Ambient, typical socket mount ––– 40 Wt Weight 6 (0.21) ––– g (oz) Thermal Resistance Absolute Maximum Ratings W 2/7/2000 www.irf.com 1 |
Similar Description - IRG4PC50W |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |