Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Preview PDF HTML

G4PC50W Marking, IRG4PC50W Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4PC50W
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50W Datasheet(HTML) 4 Page - International Rectifier

  IRG4PC50W Datasheet HTML 1Page - International Rectifier IRG4PC50W Datasheet HTML 2Page - International Rectifier IRG4PC50W Datasheet HTML 3Page - International Rectifier IRG4PC50W Datasheet HTML 4Page - International Rectifier IRG4PC50W Datasheet HTML 5Page - International Rectifier IRG4PC50W Datasheet HTML 6Page - International Rectifier IRG4PC50W Datasheet HTML 7Page - International Rectifier IRG4PC50W Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRG4PC50W
4
www.irf.com
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
-60 -40 -20
0
20
40
60
80 100 120 140 160
1.0
2.0
3.0
T , Junction Temperature ( C)
J
°

V
= 15V
80 us PULSE WIDTH
GE

I =
A
54
C

I =
A
27
C

I =
A
13.5
C
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
0.50

SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0
10
20
30
40
50
60
T , Case Temperature ( C)
C
°



Html Pages

1 2 3 4 5 6 7 8