Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF232-ZX Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT86RF232-ZX
Description  Low Power,2.4GHzTransceiver forZigBee,IEEE 802.15.4,6LoWPAN,RF4CE and ISMApplications
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF232-ZX Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT86RF232-ZX Datasheet HTML 16Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 17Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 18Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 19Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 20Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 21Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 22Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 23Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 175 page
background image
20
8321A–MCU Wireless–10/11
AT86RF232
Figure 6-12. Packet Structure – SRAM Write Access.
0
reserved[4:0]
1
MOSI
PHY_STATUS
MISO
byte 1 (command byte)
0
ADDRESS[7:0]
XX
byte 2 (address)
DATA[7:0]
XX
byte 3 (data byte)
DATA[7:0]
XX
byte n-1 (data byte)
DATA[7:0]
XX
byte n (data byte)
As long as /SEL = L, every subsequent byte read or byte write increments the address
counter of the Frame Buffer until the SRAM access is terminated by /SEL = H.
Figure 6-13 and Figure 6-14 illustrate an example SPI sequence of an
Atmel AT86RF232 SRAM access to read and write a data package of five byte length
respectively.
Figure 6-13. Example SPI Sequence – SRAM Read Access of a 5-byte Data Package.
COMMAND
ADDRESS
XX
XX
XX
XX
PHY_STATUS
XX
DATA 2
DATA 1
DATA 4
DATA 3
XX
DATA 5
SCLK
MOSI
MISO
/SEL
Figure 6-14. Example SPI Sequence – SRAM Write Access of a 5-byte Data Package.
COMMAND
ADDRESS
DATA 1
DATA 2
DATA 3
DATA 4
PHY_STATUS
XX
XX
XX
XX
XX
DATA 5
XX
SCLK
MOSI
MISO
/SEL
Notes:
1.
The SRAM access mode is not intended to be used as an alternative to the
Frame Buffer access modes (see Section 6.2.2).
2.
Frame Buffer access violations are not indicated by a TRX_UR interrupt when
using the SRAM access mode, for further details refer to Section 9.3.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com