Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF232-ZX Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT86RF232-ZX
Description  Low Power,2.4GHzTransceiver forZigBee,IEEE 802.15.4,6LoWPAN,RF4CE and ISMApplications
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF232-ZX Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT86RF232-ZX Datasheet HTML 42Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 43Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 44Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 45Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 46Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 47Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 48Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 49Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 175 page
background image
46
8321A–MCU Wireless–10/11
AT86RF232
7.2.2 Configuration
The use of the Extended Operating Mode is based on Basic Operating Mode
functionality. Only features beyond the basic radio transceiver functionality are
described in the following sections. For details on the Basic Operating Mode refer to
Section 7.1.
When using the RX_AACK or TX_ARET modes, the following registers needs to be
configured.
RX_AACK configuration steps:
 Short address, PAN-ID and IEEE address
registers 0x20 – 0x2B
 Configure RX_AACK properties
registers 0x2C, 0x2E
o
Handling of Frame Version Subfield
o
Handling of Pending Data Indicator
o
Characterize as PAN coordinator
o
Handling of Slotted Acknowledgement
 Additional Frame Filtering Properties
registers 0x17, 0x2E
o
Promiscuous Mode
o
Enable or disable automatic ACK generation
o
Handling of reserved frame types
The addresses for the address match algorithm are to be stored in the appropriate
address registers. Additional control of the RX_AACK mode is done with register 0x17
(XAH_CTRL_1) and register 0x2E (CSMA_SEED_1).
As long as a short address has not been set, only broadcast frames and frames
matching the IEEE address can be received.
Configuration examples for different device operating modes and handling of various
frame types can be found in Section 7.2.3.1.
TX_ARET configuration steps:
 Leave register bit TX_AUTO_CRC_ON = 1 register 0x04, TRX_CTRL_1
 Configure CSMA-CA
o
MAX_FRAME_RETRIES
register 0x2C, XAH_CTRL_0
o
MAX_CSMA_RETRIES
register 0x2C, XAH_CTRL_0
o
CSMA_SEED
registers 0x2D, 0x2E
o
MAX_BE, MIN_BE
register 0x2F, CSMA_BE
 Configure CCA (see Section 8.5)
MAX_FRAME_RETRIES (register 0x2C, XAH_CTRL_0) defines the maximum number
of frame retransmissions.
The register bits MAX_CSMA_RETRIES (register 0x2C, XAH_CTRL_0) configure the
number of CSMA-CA retries after a busy channel is detected.
The register bits CSMA_SEED (registers 0x2D, 0x2E) define a random seed for the
back-off-time random-number generator in the Atmel AT86RF232.
The register bits MAX_BE and MIN_BE (register 0x2F, CSMA_BE) set the maximum
and minimum CSMA back-off exponent (see [1]), respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com