Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF232-ZX Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT86RF232-ZX
Description  Low Power,2.4GHzTransceiver forZigBee,IEEE 802.15.4,6LoWPAN,RF4CE and ISMApplications
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF232-ZX Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT86RF232-ZX Datasheet HTML 44Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 45Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 46Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 47Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 48Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 49Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 50Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 51Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 175 page
background image
48
8321A–MCU Wireless–10/11
AT86RF232
Figure 7-11. Flow Diagram of RX_AACK.
Reserved Frames
TRX_STATE = RX_AACK_ON
SHR detected
TRX_STATE = BUSY_RX_AACK
Scanning MHR
Frame reception
Frame
Filtering
ACK requested
(see Note 3)
Wait 12 symbol
periods
Transmit ACK
TRX_STATE = RX_AACK_ON
N
Y
N
Y
Generate IRQ_2 (RX_START)
AACK_PROM_MODE
== 1
Generate IRQ_5 (AMI)
Y
Generate IRQ_3 (TRX_END)
Frame reception
Note 3: Additional conditions:
- ACK requested &
- AACK_DIS_ACK==0 &
- frame_version<=AACK_FVN_MODE
Slotted Operation
== 0
Y
AACK_ACK_TIME
== 0
Y
Wait 2 symbol
periods
pin 11 (SLP_TR)
rising edge
N
N
Generate IRQ_3
(TRX_END)
N
Y
N
Wait 2 symbol
periods
FCS valid
(see Note 2)
Y
N
AACK_UPLD_RES_FT
== 1
FCS valid
Generate IRQ_3
(TRX_END)
Y
Y
N
N
N
Note 2: FCS check is omitted for Promiscous Mode
FCF[2:0]
> 3
N
Y
Y
Promiscuous Mode
Note 1: Frame Filtering, Promiscuous Mode and
Reserved Frames:
- A radio transceiver in Promiscuous
Mode, or configured to receive Reserved
Frames handles received frames passing
the third level of filtering
- For details refer to the description of
Promiscuous Mode and Reserved
Frame Types
(see Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com