Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF232-ZX Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT86RF232-ZX
Description  Low Power,2.4GHzTransceiver forZigBee,IEEE 802.15.4,6LoWPAN,RF4CE and ISMApplications
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF232-ZX Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT86RF232-ZX Datasheet HTML 17Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 18Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 19Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 20Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 21Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 22Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 23Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 24Page - ATMEL Corporation AT86RF232-ZX Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 175 page
background image
21
8321A–MCU Wireless–10/11
AT86RF232
6.3 Radio Transceiver Status information
Each Atmel AT86RF232 SPI access can be configured to return status information of the
radio transceiver (PHY_STATUS) to the microcontroller using the first byte of the data
transferred via MISO.
The content of the radio transceiver status information can be configured using register
bits SPI_CMD_MODE (register 0x04, TRX_CTRL_1). After reset, the content on the
first byte send on MISO to the microcontroller is set to zero.
6.3.1 Register Description
Register 0x04 (TRX_CTRL_1):
The TRX_CTRL_1 register is a multi-purpose register to control various operating
modes and settings of the radio transceiver.
Figure 6-15. Register TRX_CTRL_1.
Bit
7
6
5
4
0x04
reserved
IRQ_2_EXT_EN
TX_AUTO_CRC_
ON
RX_BL_CTRL
TRX_CTRL_1
Read/Write
R/W
R/W
R/W
R/W
Reset value
0
0
1
0
Bit
3
2
1
0
0x04
SPI_CMD_MODE
IRQ_MASK_MODE
IRQ_POLARITY
TRX_CTRL_1
Read/Write
R/W
R/W
R/W
R/W
Reset value
0
0
1
0
 Bit 3:2 - SPI_CMD_MODE
Each SPI transfer returns bytes back to the SPI master. The content of the first byte
(PHY_STATUS) can be configured using register bits SPI_CMD_MODE.
Table 6-4. SPI_CMD_MODE.
Register Bits
Value
Description
SPI_CMD_MODE
0
Default (empty, all bits zero)
1
Monitor TRX_STATUS register
2
Monitor PHY_RSSI register
3
Monitor IRQ_STATUS register
Note:
1.
More information to register TRX_STATUS, see Section 7.1.5, to register
PHY_RSSI, see Section 8.3, and to register IRQ_STATUS, see Section 6.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com