Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWQ38E Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LWQ38E
Description  CHIPLED 0603
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ38E Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LWQ38E Datasheet HTML 2Page - OSRAM GmbH LWQ38E Datasheet HTML 3Page - OSRAM GmbH LWQ38E Datasheet HTML 4Page - OSRAM GmbH LWQ38E Datasheet HTML 5Page - OSRAM GmbH LWQ38E Datasheet HTML 6Page - OSRAM GmbH LWQ38E Datasheet HTML 7Page - OSRAM GmbH LWQ38E Datasheet HTML 8Page - OSRAM GmbH LWQ38E Datasheet HTML 9Page - OSRAM GmbH LWQ38E Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2015-09-01
6
Version 1.2
LW Q38E
Color Chromaticity Groups 2) page 21
Farbortgruppen 2) Seite 21
Chromaticity Coordinate Groups 2) page 21
Farbortgruppen 2) Seite 21
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
3K
0.2660
0.2320
6K
0.3100
0.2970
5L
0.2850
0.2790
0.2730
0.2270
0.3130
0.2840
0.2910
0.2680
0.2800
0.2520
0.3300
0.3100
0.3070
0.3120
0.2860
0.2440
0.3300
0.3300
0.3100
0.2970
4K
0.2800
0.2520
3L
0.2580
0.2390
6L
0.3070
0.3120
0.2860
0.2440
0.2660
0.2320
0.3100
0.2970
0.2910
0.2680
0.2730
0.2610
0.3300
0.3300
0.2960
0.2590
0.2800
0.2520
0.3300
0.3470
5K
0.2910
0.2680
4L
0.2730
0.2610
0.2960
0.2590
0.2800
0.2520
0.3100
0.2970
0.2850
0.2790
0.3130
0.2840
0.2910
0.2680
OHA12327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
510
500
490
480
470
450
460
0.20
+
E
Cy
Cx
Cx
Cy
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.21
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
3K
4K
5K
6K
3L
4L
5L
6L
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com