Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWQ38E Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWQ38E
Description  CHIPLED 0603
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ38E Datasheet(HTML) 1 Page - OSRAM GmbH

  LWQ38E Datasheet HTML 1Page - OSRAM GmbH LWQ38E Datasheet HTML 2Page - OSRAM GmbH LWQ38E Datasheet HTML 3Page - OSRAM GmbH LWQ38E Datasheet HTML 4Page - OSRAM GmbH LWQ38E Datasheet HTML 5Page - OSRAM GmbH LWQ38E Datasheet HTML 6Page - OSRAM GmbH LWQ38E Datasheet HTML 7Page - OSRAM GmbH LWQ38E Datasheet HTML 8Page - OSRAM GmbH LWQ38E Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-09-01
1
2015-09-01
CHIPLED 0603
Datasheet
Version 1.2
LW Q38E
Features:
Besondere Merkmale:
•
Package: SMT package 0603, colored diffused
resin
•
Gehäusetyp: SMT Gehäuse 0603, farbiger
diffuser Verguss
•
Viewing angle at 50 % I
V: 150° (horizontal); 130°
(vertical)
•
Abstrahlwinkel bei 50 % I
V: 150° (horizontal);
130° (vertical)
•
Color: Cx = 0.30, Cy = 0.28 acc. to CIE 1931
(white); CTR = 8200 K
•
Farbe: Cx = 0.30, Cy = 0.28 nach CIE 1931 (weiß);
CTR = 8200 K
•
Optical efficiency (typ.): 36 lm/W (white)
•
Optischer Wirkungsgrad (typ.): 36 lm/W (weiß)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Toys
•
Spielsachen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Pushbuttons and Switches
•
Schalter und Taster


Similar Part No. - LWQ38E

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWQ38E-Q1OO-3K6L-1 OSRAM-LWQ38E-Q1OO-3K6L-1 Datasheet
557Kb / 22P
SMT package 0603
LWQ38E-Q2OO-3K5L OSRAM-LWQ38E-Q2OO-3K5L Datasheet
557Kb / 22P
SMT package 0603
More results

Similar Description - LWQ38E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMS1300 VISHAY-VLMS1300 Datasheet
212Kb / 13P
Highbright 0603 ChipLED
25-Jul-12
VLMW1300 VISHAY-VLMW1300 Datasheet
176Kb / 8P
Highbright 0603 ChipLED
08-Nov-11
logo
OSRAM GmbH
LB-Q39E-N1OO-35-1 OSRAM-LB-Q39E-N1OO-35-1 Datasheet
1Mb / 21P
CHIPLED 0603
LS-Q976-NR-1 OSRAM-LS-Q976-NR-1 Datasheet
517Kb / 19P
CHIPLED 0603
logo
Vishay Siliconix
VLMTG1400 VISHAY-VLMTG1400 Datasheet
226Kb / 10P
Highbright 0603 ChipLED
25-Jan-18
logo
HK TO-GRACE TECHNOLOGY ...
VLMS1300 TO-GRACE-VLMS1300 Datasheet
901Kb / 13P
Highbright 0603 ChipLED
VLMTG1400 TO-GRACE-VLMTG1400 Datasheet
689Kb / 10P
Highbright 0603 ChipLED
VLMW1300 TO-GRACE-VLMW1300 Datasheet
581Kb / 8P
Highbright 0603 ChipLED
logo
Vishay Siliconix
VLMS1300 VISHAY-VLMS1300_V01 Datasheet
250Kb / 13P
Highbright 0603 ChipLED
19-Mar-2021
VLMW1301 VISHAY-VLMW1301_V01 Datasheet
208Kb / 8P
Highbright 0603 ChipLED
19-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com