Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWQ38E Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWQ38E
Description  CHIPLED 0603
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ38E Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWQ38E Datasheet HTML 6Page - OSRAM GmbH LWQ38E Datasheet HTML 7Page - OSRAM GmbH LWQ38E Datasheet HTML 8Page - OSRAM GmbH LWQ38E Datasheet HTML 9Page - OSRAM GmbH LWQ38E Datasheet HTML 10Page - OSRAM GmbH LWQ38E Datasheet HTML 11Page - OSRAM GmbH LWQ38E Datasheet HTML 12Page - OSRAM GmbH LWQ38E Datasheet HTML 13Page - OSRAM GmbH LWQ38E Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2015-09-01
10
Version 1.2
LW Q38E
Relative Forward Voltage 6) page 21
Relative Vorwärtsspannung 6) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 5 mA
Relative Luminous Intensity 6) page 21
Relative Lichtstärke 6) Seite 21
IV/IV(25)°C = f(Tj); IF = 5 mA
Chromaticity Coordinate Shift 6) page 21
Farbortverschiebung 6) Seite 21
ΔCx, ΔCy = f(Tj); IF = 5 mA
OHL03548
Tj
-40
-0.20
-20
0
20 40
˚C
60
100
-60
V
VF
∆
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.30
-60
0
-40 -20
0
20
V (25 ˚C)
I
IV
˚C
60
40
Tj
100
OHL02725
0.2
0.4
0.6
0.8
1.0
1.4
-0.015
OHL03551
-20
-60 -40
20
0
40 60
j
T
˚C 100
-0.010
-0.005
0
0.005
0.010
0.015
Cy
Cx,
∆
∆
Cy
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com