Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWQ38E Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LWQ38E
Description  CHIPLED 0603
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ38E Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LWQ38E Datasheet HTML 7Page - OSRAM GmbH LWQ38E Datasheet HTML 8Page - OSRAM GmbH LWQ38E Datasheet HTML 9Page - OSRAM GmbH LWQ38E Datasheet HTML 10Page - OSRAM GmbH LWQ38E Datasheet HTML 11Page - OSRAM GmbH LWQ38E Datasheet HTML 12Page - OSRAM GmbH LWQ38E Datasheet HTML 13Page - OSRAM GmbH LWQ38E Datasheet HTML 14Page - OSRAM GmbH LWQ38E Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Version 1.2
LW Q38E
2015-09-01
11
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TA = 85 °C
0
0
˚C
T
IF
mA
OHL03587
TS
TA
temp. ambient
T
temp. solder point
S
T
A
20
40
60
80
100
2
4
6
8
10
12
14
16
20
0
-5
F
I
A
tp
s
OHL03588
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.1
0.02
0.05
0.005
D =
T
t
T
D =
P
P
t
IF
0.2
0.3
0.5
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.11
0
-5
F
I
A
tp
s
OHL03589
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.1
0.02
0.05
0.005
D =
T
t
T
D =
P
P
t
IF
0.2
0.3
0.5
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com