Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1401CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TSL1401CS
Description  128 1 LINEAR SENSOR ARRAY WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL1401CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TSL1401CS Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TSL1401CS
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS036A - AUGUST 2003
3
The
LUMENOLOGY
r Company
r
r
Copyright
E 2003, TAOS Inc.
www.taosinc.com
Absolute Maximum Ratings†
Supply voltage range, VDD
-0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
- 0.3 V to VDD + 0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0) or (VI > VDD)
- 20 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VDD)
- 25 mA to 25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high impedance or power-off state, VO
- 0.3 V to VDD + 0.3 V
. . .
Continuous output current, IO (VO = 0 to VDD)
- 25 mA to 25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VDD or GND
- 40 mA to 40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog output current range, IO
- 25 mA to 25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum light exposure at 638 nm
5 mJ/cm2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
-40
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
-40
°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Solder reflow temperature, case exposed for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Recommended Operating Conditions (see Figure 1 and Figure 2)
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
5.5
V
Input voltage, VI
0
VDD
V
High-level input voltage, VIH
2
VDD
V
Low-level input voltage, VIL
0
0.8
V
Wavelength of light source,
λ
400
1000
nm
Clock frequency, fclock
5
8000
kHz
Sensor integration time, tint (see Note 1)
0.016
100
ms
Setup time, serial input, tsu(SI)
20
ns
Hold time, serial input, th(SI) (see Note 2)
0
ns
Operating free-air temperature, TA
-40
85
°C
NOTES: 1. This time does not include the 18 clock cycles for setup, which would consume an additional 0.002 mS of device integrate and read
time.
2. SI must go low before the rising edge of the next clock pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com