Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1401CS Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TSL1401CS
Description  128 1 LINEAR SENSOR ARRAY WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL1401CS Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TSL1401CS Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 10Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 11Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 12Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 13Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TSL1401CS
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS036A - AUGUST 2003
12
r
r
Copyright
E 2003, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
MANUFACTURING INFORMATION
This product has been tested and has demonstrated an ability to be reflow soldered to a PCB substrate. The
process, equipment, and materials used in these tests are detailed below.
Tooling Required
D Solder stencil (round aperture size 0.36 mm, stencil thickness of 152.4 µm)
D 20 × 20 frame for solder stencil
Process
1.
Apply solder paste using stencil
2.
Dispense adhesive dots
3.
Place component
4.
Reflow solder/cure
5.
X-Ray verify
Placement of the TSL1401CS device onto the gold immersion substrate is accomplished using a standard
surface mount manufacturing process. First, using the stencil with 0.36 mm square aperture, print solder paste
onto the substrate. Next, dispense two 0.25 mm to 0.4 mm diameter dots of adhesive in opposing corners of
the TSL1401CS mounting area. Machine place the TSL1401CS from the JEDEC waffle carrier onto the
substrate. A suggested pick-up tool is the Siemens Vacuum Pickup tool nozzle number 912. This nozzle has
a rubber tip with a diameter of approximately 0.75 mm. The part is picked up from the center of the body. Reflow
the solder and cure the adhesive using the solder profile shown in Figure 15.
Time - s
0
50
100
150
200
250
400
300
350
0
50
100
150
200
250
450
500
Figure 15. TSL1401CS Solder Profile
It is important to use a substrate that has an immersion plating surface. This may be immersion gold, silver, or
white tin. Hot air solder leveled substrates (HASL) are not coplanar and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com