Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1401CS Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TSL1401CS
Description  128 1 LINEAR SENSOR ARRAY WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL1401CS Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TSL1401CS Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TSL1401CS
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS036A - AUGUST 2003
6
r
r
Copyright
E 2003, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 3
SETTLING TIME
vs.
LOAD
RL — Load Resistance - W
0
200
400
600
800
1000
0
100
200
300
400
500
600
VDD = 3 V
Vout = 1 V
470 pF
220 pF
100 pF
10 pF
VDD = 3 V
Vout = 1 V
Figure 4
SETTLING TIME
vs.
LOAD
RL — Load Resistance - W
0
200
400
600
800
1000
0
100
200
300
400
500
600
VDD = 5 V
Vout = 1 V
470 pF
220 pF
100 pF
10 pF
Figure 5
PHOTODIODE SPECTRAL RESPONSIVITY
λ - Wavelength - nm
400
500
600
700
800
900
1000 1100
300
0
0.2
0.4
0.6
0.8
1
TA = 25°C
Figure 6
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - °C
010
30
40
70
60
0
1
2
3
4
20
50
VDD = 5 V
Ee = 0
RL = 330 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com