Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1401CS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TSL1401CS
Description  128 1 LINEAR SENSOR ARRAY WITH HOLD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSL1401CS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TSL1401CS Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL1401CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TSL1401CS
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS036A - AUGUST 2003
5
The
LUMENOLOGY
r Company
r
r
Copyright
E 2003, TAOS Inc.
www.taosinc.com
Dynamic Characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figures 3 and 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ts
Analog output settling time to
±1%
RL = 330 Ω,
CL = 10 pF
120
ns
TYPICAL CHARACTERISTICS
18 Clock Cycles
129 Clock Cycles
CLK
SI
AO
Internal
Reset
Integration
Hi-Z
Hi-Z
Not Integrating
Integrating
Figure 1. Timing Waveforms
50%
AO
SI
CLK
Pixel 128
ts
0 V
0 V
5 V
2.5 V
th(SI)
5 V
tsu(SI)
tw
1
2
128
129
ts
Pixel 1
Figure 2. Operational Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com