Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56166ROM Datasheet(PDF) 8 Page - Motorola, Inc

Part # DSP56166ROM
Description  16-bit General Purpose Digital Signal Processor
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56166ROM Datasheet(HTML) 8 Page - Motorola, Inc

Back Button DSP56166ROM Datasheet HTML 4Page - Motorola, Inc DSP56166ROM Datasheet HTML 5Page - Motorola, Inc DSP56166ROM Datasheet HTML 6Page - Motorola, Inc DSP56166ROM Datasheet HTML 7Page - Motorola, Inc DSP56166ROM Datasheet HTML 8Page - Motorola, Inc DSP56166ROM Datasheet HTML 9Page - Motorola, Inc DSP56166ROM Datasheet HTML 10Page - Motorola, Inc DSP56166ROM Datasheet HTML 11Page - Motorola, Inc DSP56166ROM Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
8
MOTOROLA
DSP56166
PRELIMINARY
HOST INTERFACE (15 PINS)
H0-H7
(Host Data Bus) — This bidirectional data bus is used
to transfer data between the host processor and the DSP.
This bus is an input unless enabled by a host processor
read. H0-H7 may be programmed as general purpose
parallel I/O pins called PB0-PB7 when the Host Interface
(HI) is not being used.
HA0-2
(Host Address 0-2) — These inputs provide the
address selection for each HI register and should be stable
when HEN is asserted. HA0-HA2 may be programmed as
general purpose parallel I/O pins called PB8-PB10 when
the HI is not being used.
HR/W
(Host Read/Write) — This input selects the direction of
data transfer for each host processor access. If HR/W is
high and HEN is asserted, H0-H7 are outputs and DSP
data is transferred to the host processor. If HR/W is low and
HEN is asserted, H0-H7 are inputs and host data is
transferred to the DSP. HR/W should be stable when HEN
is asserted. HR/W may be programmed as a general
purpose I/O pin called PB11 when the HI is not being used.
HEN
(Host Enable) — This input enables a data transfer on
the host data bus. When HEN is asserted and HR/W is
high, H0-H7 becomes an output and DSP data may be
latched by the host processor. When HEN is asserted and
HR/W is low, H0-H7 is an input and host data is latched
inside the DSP when HEN is deasserted. Normally a chip
select signal derived from host address decoding and an
enable clock is connected to the Host Enable. HEN may be
programmed as a general purpose I/O pin called PB12
when the HI is not being used.
HREQ
(Host Request) — This open-drain output signal is
used by the HI to request service from the host processor.
HREQ may be connected to an interrupt request pin of a
host processor, a transfer request of a DMA controller, or a
control input of external circuitry. HREQ is asserted when
an enabled request occurs in the HI. HREQ is deasserted
when the enabled request is cleared or masked, DMA
HACK is asserted, or the DSP is reset. HREQ may be
programmed as a general purpose I/O pin (not open-drain)
called PB13 when the HI is not being used.
HACK
(Host Acknowledge) — This input has two functions -
(1) to provide a Host Acknowledge signal for DMA transfers
or (2) to control handshaking and to provide a Host Interrupt
Acknowledge compatible with MC68000 family processors.
If programmed as a Host Acknowledge signal, HACK may
be used as a data strobe for HI DMA data transfers. If
programmed as an MC68000 Host Interrupt Acknowledge,
HACK is used to enable the HI Interrupt Vector Register
(IVR) onto the Host Data Bus H0-H7 if the Host Request
HREQ output is asserted. In this case, all other HI control
pins are ignored and the HI state is not affected. HACK may
be programmed as a general purpose I/O pin called PB14
when the HI is not being used.
16-BIT TIMER (2 PINS)
TIN
(Timer input) — This input receives external pulses to
be counted by the on-chip 16-bit timer when external
clocking is selected. The pulses are internally synchronized
to the DSP core internal clock. TIN may be programmed as
a general purpose I/O pin called PC10 when the external
event function is not being used.
TOUT
(Timer output) — This output generates pulses or
toggles on a timer overflow event or a compare event.
TOUT may be programmed as a general purpose I/O pin
called PC11 when disabled by the timer out enable bits
(TO2-TO0).
SYNCHRONOUS SERIAL INTERFACES
(RSSI0 AND RSSI1) (8 PINS)
STD0/PC0
(RSSI0 Transmit Data) — This output pin
transmits serial data from the RSSI0 Transmit Shift
Register. STD0 may be programmed as a general purpose
I/O pin called PC0 when the RSSI0 STD0 function is not
being used.
SRD0/PC1
(RSSI0 Receive Data) — This input pin receives
serial data and transfers the data to the RSSI0 Receive
Shift Register. SRD0 may be programmed as a general
purpose I/O pin called PC1 when the RSSI0 SRD0 function
is not being used.
SCK0/PC2
(RSSI0 Serial Clock) — This bidirectional pin
provides the serial bit rate clock for the RSSI0 interface.
The clock signal can be continuous or gated and is used by
both
the
transmitter
and
receiver.
SCK0
may
be
programmed as a general purpose I/O pin called PC2 when
the RSSI0 interface is not being used.
SFS0/PC4
(Serial Frame Sync 0) — This bidirectional pin is
used by the RSSI0 serial interface as frame sync I/O or flag
I/O. The SFS0 is used by both the transmitter and receiver
to synchronize the data transfer of the data. It can be input
or output. SFS0 may be programmed as a general purpose
I/O pin called PC4 when the RSSI0 is not using this pin.
STD1/PC5
(RSSI1 Transmit Data) — This output pin
transmits serial data from the RSSI1 Transmit Shift
Register. STD1 may be programmed as a general purpose
I/O pin called PC5 when the RSSI1 STD1 function is not
being used.
SRD1/PC6
(RSSI1 Receive Data) — This input pin receives
serial data and transfers the data to the RSSI1 Receive
Shift Register. SRD1 may be programmed as a general
purpose I/O pin called PC6 when the RSSI1 SRD function
is not being used.
SCK1/PC7
(RSSI1 Serial Clock) — This bidirectional pin
provides the serial bit rate clock for the RSSI1 interface.
The clock signal can be continuous or gated and is used by
both
the
transmitter
and
receiver.
SCK1
may
be
programmed as a general purpose I/O pin called PC7 when
the RSSI1 interface is not being used.
SFS1/PC9
(Serial Frame Sync 1) — This bidirectional pin is
used by the RSSI1 serial interface as frame sync I/O or flag
I/O. The SFS1 is used by both the transmitter and receiver
to synchronize the data transfer of the data. It can be input
or output. SFS1 may be programmed as a general purpose
I/O pin called PC9 when the RSSI1 is not using this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com