Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46121V Datasheet(PDF) 90 Page - Dialog Semiconductor

Part # SLG46121V
Description  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V Datasheet(HTML) 90 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 86Page - Dialog Semiconductor SLG46121V Datasheet HTML 87Page - Dialog Semiconductor SLG46121V Datasheet HTML 88Page - Dialog Semiconductor SLG46121V Datasheet HTML 89Page - Dialog Semiconductor SLG46121V Datasheet HTML 90Page - Dialog Semiconductor SLG46121V Datasheet HTML 91Page - Dialog Semiconductor SLG46121V Datasheet HTML 92Page - Dialog Semiconductor SLG46121V Datasheet HTML 93Page - Dialog Semiconductor SLG46121V Datasheet HTML 94Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
000-0046121--106
Page 89 of 97
SLG46121
PIN 9
reg<664:662>
PIN9 mode control
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Open Drain NMOS
reg<666:665>
PIN9 pull down resistor value selection
00: floating
01: 10K
10: 100K
11: 1M
reg<667>
PIN9 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
reg<668>
PIN9 driver strength selection
0: 1X
1: 2X
PIN 10
reg<670:669>
PIN10 mode control (sig_pin10_oe =0)
00: Digital Input without Schmitt Trigger
01: Digital Input with Schmitt Trigger
10: Low Voltage Digital Input
11: Analog Input / Output
reg<672:671>
PIN10 mode control (sig_pin10_oe =1)
00: Push Pull 1X
01: Push Pull 2X
10: Open Drain NMOS 1X
11:Open Drain NMOS 2X
reg<674:673>
PIN10 pull up/down resistor value selection
00: floating
01: 10K
10: 100K
11: 1M
reg<675>
PIN10 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
Reserved
reg<678:676>
Reserved
reg<680:679>
Reserved
reg<681>
Reserved
reg<682>
Reserved
PIN 12
reg<685:683>
PIN12 mode control
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Reserved
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Open drain
reg<687:686>
PIN12 pull up/down resistor value selection
00: floating
01: 10k
10: 100K
11: 1M
reg<688>
PIN12 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com