Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2435IGN Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2435IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435IGN Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2435IGN Datasheet HTML 13Page - Linear Technology LTC2435IGN Datasheet HTML 14Page - Linear Technology LTC2435IGN Datasheet HTML 15Page - Linear Technology LTC2435IGN Datasheet HTML 16Page - Linear Technology LTC2435IGN Datasheet HTML 17Page - Linear Technology LTC2435IGN Datasheet HTML 18Page - Linear Technology LTC2435IGN Datasheet HTML 19Page - Linear Technology LTC2435IGN Datasheet HTML 20Page - Linear Technology LTC2435IGN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
LTC2435/LTC2435-1
17
24351fa
APPLICATIO S I FOR ATIO
Table 3a. LTC2435 State Duration
State
Operating Mode
Duration
CONVERT
Internal Oscillator
FO = LOW, (60Hz Rejection)
67ms, Output Data Rate ≤ 15 Readings/s
FO = HIGH, (50Hz Rejection)
80ms, Output Data Rate ≤ 12.4 Readings/s
External Oscillator
FO = External Oscillator with Frequency 10278/fEOSCs, Output Data Rate ≤ fEOSC/10278 Readings/s
fEOSC kHz (fEOSC/2560 Rejection)
SLEEP
As Long As CS = HIGH
DATA OUTPUT
Internal Serial Clock FO = LOW/HIGH, (Internal Oscillator)
As Long As CS = LOW But Not Longer Than 1.25ms (24 SCK cycles)
FO = External Oscillator with
As Long As CS = LOW But Not Longer Than 192/fEOSCms (24 SCK cycles)
Frequency fEOSC kHz
External Serial Clock with Frequency fSCK kHz
As Long As CS = LOW But Not Longer Than 24/fSCKms (24 SCK cycles)
INPUT FREQUENCY DEVIATION FROM NOTCH FREQUENCY (%)
–12
–8
–4
048
12
2435 F07a
–60
–70
–80
–90
–100
–110
–120
–130
–140
Table 3b. LTC2435-1 State Duration
State
Operating Mode
Duration
CONVERT
Internal Oscillator
FO = LOW
73ms, Output Data Rate ≤ 14 Readings/s
Simultaneous 50Hz/60Hz Rejection
External Oscillator
FO = External Oscillator with Frequency 10278/fEOSCs, Output Data Rate ≤ fEOSC/10278 Readings/s
fEOSC kHz (fEOSC/2560 Rejection)
SLEEP
As Long As CS = HIGH
DATA OUTPUT
Internal Serial Clock FO = LOW (Internal Oscillator)
As Long As CS = LOW But Not Longer Than 1.4ms (24 SCK cycles)
FO = External Oscillator with
As Long As CS = LOW But Not Longer Than 192/fEOSCms (24 SCK cycles)
Frequency fEOSC kHz
External Serial Clock with Frequency fSCK kHz
As Long As CS = LOW But Not Longer Than 24/fSCKms (24 SCK cycles)
Figure 7c. LTC2435/LTC2435-1
Normal Mode Rejection When Using
an External Oscillator of Frequency
fEOSC with Running Averages
Figure 7b. LTC2435-1 Normal Mode
Rejection When Using an Internal
Oscillator with Running Averages
48
50
52
54
56
58
60
62
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
2435 F07b
–80
–90
–100
–100
–120
–130
–140
DIFFERENTIAL INPUT SIGNAL FREQUENCY
DEVIATION FROM NOTCH FREQUENCY fEOSC/2560(%)
–12
–8
–4
0
4
8
12
2435 F07c
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
–140
Figure 7a. LTC2435/LTC2435-1 Normal Mode
Rejection When Using an External Oscillator
of Frequency fEOSC without Running Averages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com