Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2435IGN Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2435IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435IGN Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2435IGN Datasheet HTML 22Page - Linear Technology LTC2435IGN Datasheet HTML 23Page - Linear Technology LTC2435IGN Datasheet HTML 24Page - Linear Technology LTC2435IGN Datasheet HTML 25Page - Linear Technology LTC2435IGN Datasheet HTML 26Page - Linear Technology LTC2435IGN Datasheet HTML 27Page - Linear Technology LTC2435IGN Datasheet HTML 28Page - Linear Technology LTC2435IGN Datasheet HTML 29Page - Linear Technology LTC2435IGN Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
LTC2435/LTC2435-1
26
24351fa
APPLICATIO S I FOR ATIO
Figure 14. LTC2435/LTC2435-1 Equivalent Analog Input Circuit
Figure 15. An RC Network at IN+ and IN–
Figure 17. –FS Error vs RSOURCE at IN
+ or IN– (Small CIN)
Figure 16. +FS Error vs RSOURCE at IN+ or IN– (Small CIN)
IIN
VV
V
R
IIN
VV
V
R
I REF
VV
V
R
V
VR
I REF
VV
V
R
V
VR
where
AVG
IN
INCM
REFCM
EQ
AVG
IN
INCM
REFCM
EQ
AVG
REF
INCM
REFCM
EQ
IN
REF
EQ
AVG
REF
INCM
REFCM
EQ
IN
REF
EQ
+
−
+
−
() =
+
−
•
() =
−
+
−
•
() =
•
−
+
•
−
•
() =
−
•
−
+
•
+
•
05
05
15
05
15
05
2
2
.
.
.
.
.
.
::
V
REF
REF
V
REF
REF
VIN
IN
V
IN
IN
REF
REFCM
IN
INCM
REQ = 43.2MΩ INTERNAL OSCILLATOR 60Hz NOTCH (FO = LOW) LTC2435
REQ = 52MΩ INTERNAL OSCILLATOR 50Hz NOTCH (FO = HIGH) LTC2435
REQ = 48MΩ INTERNAL OSCILLATOR 50Hz/60Hz NOTCH (FO = LOW) LTC2435-1
REQ = (6.7 • 1012)/fEOSC EXTERNAL OSCILLATOR
=
−
=
+
⎛
⎝
⎜
⎞
⎠
⎟
=
−
=
−
⎛
⎝
⎜
⎞
⎠
⎟
+
−
+
−
+
−
+
−
2
2
VREF+
VIN+
VCC
RSW (TYP)
20k
ILEAK
ILEAK
VCC
ILEAK
ILEAK
VCC
RSW (TYP)
20k
CEQ
18pF
(TYP)
RSW (TYP)
20k
ILEAK
IIN+
VIN–
IIN–
IREF+
IREF–
2435 F18
ILEAK
VCC
ILEAK
ILEAK
SWITCHING FREQUENCY
fSW = 76800Hz INTERNAL
OSCILLATOR (LTC2435)
(FO = LOW OR HIGH)
fSW = 69900Hz INTERNAL
OSCILLATOR (LTC2435-1)
(FO = LOW)
fSW = 0.5 • fEOSC EXTERNAL OSCILLATOR
VREF–
RSW (TYP)
20k
CIN
2435 F19
VINCM + 0.5VIN
RSOURCE
IN+
LTC2435/
LTC2435-1
CPAR
≅ 20pF
CIN
VINCM – 0.5VIN
RSOURCE
IN –
CPAR
≅ 20pF
RSOURCE (W)
1
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10000
2435 F16
10
100
1000
100000
CIN = 0pF
CIN = 100pF
CIN = 0.01µF
CIN = 0.001µF
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = 3.75V
VIN– = 1.25V
FO = GND
TA = 25°C
RSOURCE (W)
1
100
90
80
70
60
50
40
30
20
10
0
–10
10000
2435 F17
10
100
1000
100000
CIN = 0pF
CIN = 0.01µF
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = 1.25V
VIN– = 3.75V
FO = GND
TA = 25°C
CIN = 100pF
CIN = 0.001µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com