Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2435IGN Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2435IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435IGN Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2435IGN Datasheet HTML 29Page - Linear Technology LTC2435IGN Datasheet HTML 30Page - Linear Technology LTC2435IGN Datasheet HTML 31Page - Linear Technology LTC2435IGN Datasheet HTML 32Page - Linear Technology LTC2435IGN Datasheet HTML 33Page - Linear Technology LTC2435IGN Datasheet HTML 34Page - Linear Technology LTC2435IGN Datasheet HTML 35Page - Linear Technology LTC2435IGN Datasheet HTML 36Page - Linear Technology LTC2435IGN Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
LTC2435/LTC2435-1
33
24351fa
Figure 35. Input Normal Mode Rejection
Figure 36. Input Normal Mode Rejection
Figure 37. LTC2435-1 Input Normal Mode Rejection
As a result of these remarkable normal mode specifica-
tions, minimal (if any) antialias filtering is required in front
of the LTC2435/LTC2435-1. If passive RC components
are placed in front of the LTC2435/LTC2435-1, the input
dynamic current should be considered (see Input Current
section). In cases where large effective RC time constants
are used, an external buffer amplifier may be required to
minimize the effects of dynamic input current.
Traditional high order delta-sigma modulators, while pro-
viding very good linearity and resolution, suffer from
potential instabilities at large input signal levels. The pro-
prietary architecture used for the LTC2435/LTC2435-1
third order modulator resolves this problem and guaran-
tees a predictable stable behavior at input signal levels of
up to 150% of full scale. In many industrial applications,
it is not uncommon to have to measure microvolt level
signals superimposed over volt level perturbations and
LTC2435/LTC2435-1 are eminently suited for such tasks.
When the perturbation is differential, the specification of
interest is the normal mode rejection for large input signal
levels. With a reference voltage VREF = 5V, the LTC2435/
LTC2435-1 have a full-scale differential input range of 5V
peak-to-peak. Figure 40 shows measurement results for
the LTC2435-1 normal mode rejection ratio with a 7.5V
peak-to-peak (150% of full scale) input signal superim-
posed over the more traditional normal mode rejection
ratio results obtained with a 5V peak-to-peak (full scale)
input signal. The same performance is obtained for the
LTC2435 with the frequency scaled to have the notch fre-
quency at 60Hz (FO = GND) or 50Hz (FO = VCC). It is clear
that the LTC2435/LTC2435-1 rejection performance is
maintained with no compromises in this extreme situa-
tion. When operating with large input signal levels, the
user must observe that such signals do not violate the
device absolute maximum ratings.
INPUT SIGNAL FREQUENCY (fN)
2435 F35
0
–20
–40
–60
–80
–100
–120
0
fN
2fN 3fN 4fN 5fN
6fN 7fN
8fN
INPUT SIGNAL FREQUENCY (fN)
2435 F36
0
–20
–40
–60
–80
–100
–120
250
248
252 254 256 258 260 262 264
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
48
–70
–80
–90
–100
–110
–120
–130
–140
54
58
2435 F37
50
52
56
60
62
NO AVERAGE
WITH
RUNNING
AVERAGE
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com