Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2435IGN Datasheet(PDF) 27 Page - Linear Technology

Part # LTC2435IGN
Description  20-Bit No Latency ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2435IGN Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC2435IGN Datasheet HTML 23Page - Linear Technology LTC2435IGN Datasheet HTML 24Page - Linear Technology LTC2435IGN Datasheet HTML 25Page - Linear Technology LTC2435IGN Datasheet HTML 26Page - Linear Technology LTC2435IGN Datasheet HTML 27Page - Linear Technology LTC2435IGN Datasheet HTML 28Page - Linear Technology LTC2435IGN Datasheet HTML 29Page - Linear Technology LTC2435IGN Datasheet HTML 30Page - Linear Technology LTC2435IGN Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
LTC2435/LTC2435-1
27
24351fa
APPLICATIO S I FOR ATIO
tance driving IN+ or IN–. When FO is driven by an external
oscillator with a frequency fEOSC (external conversion
clock operation), the typical differential input resistance is
3.3 • 1012/fEOSCΩ and each ohm of source resistance
driving IN+ or IN– will result in 0.15 • 10–6 • fEOSC ppm +FS
gain error. The effect of the source resistance on the two
input pins is additive with respect to this gain error. The
typical +FS and –FS errors as a function of the sum of the
source resistance seen by IN+ and IN– for large values of
CIN are shown in Figures 18 and 19.
In addition to this gain error, an offset error term may also
appear. The offset error is proportional to the mismatch
between the source impedance driving the two input pins
IN+ and IN– and with the difference between the input and
reference common mode voltages. While the input drive
circuit nonzero source impedance combined with the
converter average input current will not degrade the INL
performance, indirect distortion may result from the modu-
lation of the offset error by the common mode component
of the input signal. Thus, when using large CIN capacitor
values, it is advisable to carefully match the source imped-
ance seen by the IN+ and IN– pins. When FO = LOW
(internal oscillator and 60Hz notch), every 1Ω mismatch
in source impedance transforms a full-scale common
mode input signal into a differential mode input signal of
0.023ppm. When FO = HIGH (internal oscillator and 50Hz
notch), every 1Ω mismatch in source impedance trans-
forms a full-scale common mode input signal into a
differential mode input signal of 0.02ppm. When FO is
driven by an external oscillator with a frequency fEOSC,
every 1Ω mismatch in source impedance transforms a
full-scale common mode input signal into a differential
mode input signal of 0.15 • 10–6 • fEOSCppm. Figure 20
shows the typical offset error due to input common mode
voltage for various values of source resistance imbalance
between the IN+ and IN– pins when large CIN values are
used.
If possible, it is desirable to operate with the input signal
common mode voltage very close to the reference signal
common mode voltage as is the case in the ratiometric
measurement of a symmetric bridge. This configuration
eliminates the offset error caused by mismatched source
impedances.
The magnitude of the dynamic input current depends upon
the size of the very stable internal sampling capacitors and
upon the accuracy of the converter sampling clock. The
accuracy of the internal clock over the entire temperature
and power supply range is typical better than 0.5%. Such
a specification can also be easily achieved by an external
clock. When relatively stable resistors (50ppm/°C) are
used for the external source impedance seen by IN+ and
IN–, the expected drift of the dynamic current, offset and
Figure 18. +FS Error vs RSOURCE
at IN+ or IN– (Large CIN)
Figure 19. –FS Error vs RSOURCE
at IN+ or IN– (Large CIN)
Figure 20. Offset Error vs Common Mode
Voltage (VINCM = VIN+ = VIN–) and Input
Source Resistance Imbalance (∆RIN =
RSOURCEIN+ – RSOURCEIN–) for Large CIN
Values (CIN ≥ 1µF)
RSOURCE (Ω)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
2435 F18
0
400
800
1200
1600
2000
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = 3.75V
VIN– = 1.25V
FO = GND
TA = 25°C
CIN = 1µF, 10µF
CIN = 0.01µF
CIN = 0.1µF
RSOURCE (Ω)
100
90
80
70
60
50
40
30
20
10
0
2435 F19
0
400
800
1200
1600
2000
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = 1.25V
VIN– = 3.75V
FO = GND
TA = 25°C
CIN = 1µF, 10µF
CIN = 0.01µF
CIN = 0.1µF
A
B
C
D
E
F
G
VINCM (V)
0
–310
–320
–330
–340
–350
–360
–370
–380
2435 F20
2.0
5.0
1.0
3.0
4.0
0.5
2.5
1.5
3.5
4.5
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = VIN– = VINCM
A: ∆RIN = 1k
B: ∆RIN = 500Ω
C: ∆RIN = 200Ω
D: ∆RIN = 0Ω
E: ∆RIN = –200Ω
F: ∆RIN = –500Ω
G: ∆RIN = –1k
FO = GND
TA = 25°C
CIN = 10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com