Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000BSTZ Datasheet(PDF) 44 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 44 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 40Page - Analog Devices ADAS1000BSTZ Datasheet HTML 41Page - Analog Devices ADAS1000BSTZ Datasheet HTML 42Page - Analog Devices ADAS1000BSTZ Datasheet HTML 43Page - Analog Devices ADAS1000BSTZ Datasheet HTML 44Page - Analog Devices ADAS1000BSTZ Datasheet HTML 45Page - Analog Devices ADAS1000BSTZ Datasheet HTML 46Page - Analog Devices ADAS1000BSTZ Datasheet HTML 47Page - Analog Devices ADAS1000BSTZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Pace Edge Threshold
This programmable level (Address 0x0E, see Table 41) is used to
find a leading edge, signifying the start of a potential pace pulse. A
candidate edge is one in which the leading edge crosses a threshold
PACEEDGETH from the recent baseline. PACEEDGETH can
be assigned any value between 0 and 255. Setting PACEEDGETH
to 0 forces it to the value PACEAMPTH/2 (see equation).
Non-zero values give the following:
PACEEDGETH setting =
16
2
×
×
GAIN
VREF
N
where:
N is the 8-bit programmed PACEEDGETH value (1 ≤ N ≤ 255).
VREF is the ADAS1000 reference voltage of 1.8 V.
GAIN is the programmed gain of the ECG channel.
The minimum threshold for ×1.4 gain is 19.6 µV, while the
maximum for the same gain setting is 5.00 mV.
Pace Level Threshold
This programmable level (Address 0x0F, see Table 42) is used to
detect when the leading edge of a candidate pulse ends. In general,
a pace pulse is not perfectly square, and the top, meaning the
portion after the leading edge, may continue to increase slightly
or droop back towards the baseline. PACELVLTH defines an
allowable slope for this portion of the candidate pulse, where
the slope is defined as the change in value over an internally-
fixed interval after the pace edge is qualified.
PACELVLTH is an 8-bit, twos complement number. Positive
values represent movement away from the baseline (pulse
amplitude is still increasing) while negative values represent
droop back towards the baseline.
PACELVLTH setting =
16
2
×
×
GAIN
VREF
N
where:
N is the 8-bit programmed PACELVLTH value (−128 ≤ N ≤ 127).
VREF is the ADAS1000 reference voltage of 1.8 V.
GAIN is the programmed gain of the ECG channel.
The minimum value for ×1.4 gain is 9.8 µV, while the maximum
for the same gain setting is 2.50 mV.
An additional qualification step, performed after PACELVLTH
is satisfied, rejects pulses with a leading edge transition time greater
than about 156 µs. This filter improves immunity to motion and
other artifacts and cannot be disabled. Overly aggressive ESIS
filtering causes this filter to disqualify valid pace pulses. In such
cases, increasing the value of PACEEDGETH provides more
robust pace pulse detection. Although counterintuitive, this
change forces a larger initial deviation from the recent baseline
before the pace detection algorithm starts, reducing the time
until PACELVLTH comes into play and shortening the apparent
leading edge transition. Increasing the value of PACEEDGETH
may require a reduction in PACEAMPTH.
Pace Amplitude Threshold
This register (Address 0x07, see Table 34) sets the minimum
valid pace pulse amplitude. PACEAMPTH is an unsigned 8-bit
number. The programmed height is given by:
PACEAMPTH setting =
16
2
2
×
×
×
GAIN
VREF
N
,
where:
N is the 8-bit programmed PACEAMPTH value (1 ≤ N ≤ 255).
VREF is the ADAS1000 reference voltage of 1.8 V.
GAIN is the programmed gain of the ECG channel.
The minimum threshold for ×1.4 gain is 19.6 µV, while the
maximum for the same gain setting is 5.00 mV. PACEAMPTH
is typically set to the minimum expected pace amplitude and
must be larger than the value of PACEEDGETH.
The default register setting of N = 0x24 results in 706 μV for a
gain = 1 setting. An initial PACEAMPTH setting between
700 µV and 1 mV provides a good starting point for both
unipolar and biventricular pacing detection. Values below
250 µV are not recommended because they greatly increase
sensitivity to ambient noise from the patient. The amplitude
may need to be adjusted much higher than 1 mV when other
medical devices are connected to the patient.
Pace Validation Filters
A candidate pulse that successfully passes the combined tests of
PACEEDGETH, PACELVLTH, and PACEAMPTH is next passed
through two optional validation filters. These filters are used to
reject sub-threshold pulses such as minute ventilation (MV) pulse
and signals from inductively coupled implantable telemetry
systems. These filters perform different tests of pulse shape
using a number of samples. Both filters are enabled by default;
Filter 1 is controlled by Bit 9 in the PACECTL register (see
Table 31) and Filter 2 is controlled by Bit 10 in the same register.
These filters are not available on a lead by lead basis; if enabled,
they are applied to all leads being used for pace detection.
Pace Width Filter
A candidate pulse that successfully passes the edge, amplitude, and
noise filters is finally checked for width. When this final filter is
enabled, it checks that the candidate pulse is between 100 μs
and 2 ms wide. When a valid pace width is detected, the width
is stored. Disabling this filter affects only the minimum width
(100 µs) determination; the maximum width detection portion
of the filter is always active. This filter is controlled by the
PACECTL register, Bit 11 (see Table 31).
Rev. B | Page 44 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com