Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000BSTZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 42Page - Analog Devices ADAS1000BSTZ Datasheet HTML 43Page - Analog Devices ADAS1000BSTZ Datasheet HTML 44Page - Analog Devices ADAS1000BSTZ Datasheet HTML 45Page - Analog Devices ADAS1000BSTZ Datasheet HTML 46Page - Analog Devices ADAS1000BSTZ Datasheet HTML 47Page - Analog Devices ADAS1000BSTZ Datasheet HTML 48Page - Analog Devices ADAS1000BSTZ Datasheet HTML 49Page - Analog Devices ADAS1000BSTZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. B | Page 46 of 80
FILTERING
Figure 75 shows the ECG digital signal processing. The ADC
sample rate is programmable. In high performance mode, it
is 2.048 MHz; in low power mode, the sampling rate is reduced
to 1.024 MHz. The user can tap off framing data at one of three
data rates, 128 kHz, 16 kHz, or 2 kHz. Note that although the
data-word width is 24 bits for the 2 kHz and 16 kHz data rate,
the usable bits are 19 and 18, respectively.
The amount of decimation depends on the selected data rate,
with more decimation for the lower data rates.
Four selectable low-pass filter corners are available at the 2 kHz
data rate.
Filters are cleared by a reset. Table 16 shows the filter latencies
at the different data rates.
Figure 75. ECG Channel Filter Signal Flow
Table 16. Relationship of ECG Waveform to Pace Indication1, 2, 3
Data Rate
Conditions
Apparent Delay of ECG Data Relative to Pace Event4
2 kHz
450 Hz ECG bandwidth
0.984 ms
250 Hz ECG bandwidth
1.915 ms
150 Hz ECG bandwidth
2.695 ms
40 Hz ECG bandwidth
7.641 ms
16 kHz
109 μs
128 kHz
0
1 ECG waveform delay is the time required to reach 50% of final value following a step input.
2 Guaranteed by design, not subject to production test.
3 There is an unavoidable residual uncertainty of 8 μs in determining the pace pulse trailing edge.
4 Add 38 μs to obtain the absolute delay for any setting.
2.048MHz
ADC DATA
14-BITS
2.048MHz
128kHz
–3dB AT 13kHz
ACLO
CARRIER
NOTCH
2kHz
AC LEAD-OFF
DETECTION
PACE
DETECTION
128kHz DATA RATE
16-BITS WIDE
AVAILABLE DATA RATE
CHOICE OF 1:
40Hz
150Hz
250Hz
(PROGRAMMABLE BESSEL )
~7Hz
16kHz DATA RATE
24-BITS WIDE
18 USABLE BITS
2kHz DATA RATE
24-BITS WIDE
19 USABLE BITS
128kHz
16kHz
–3dB AT 3.5kHz
2kHz
–3dB AT 450Hz
16kHz
CALIBRATION
31.25Hz DATA RATE
24-BITS WIDE
~22 USABLE BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com