Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAS1000BSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 15Page - Analog Devices ADAS1000BSTZ Datasheet HTML 16Page - Analog Devices ADAS1000BSTZ Datasheet HTML 17Page - Analog Devices ADAS1000BSTZ Datasheet HTML 18Page - Analog Devices ADAS1000BSTZ Datasheet HTML 19Page - Analog Devices ADAS1000BSTZ Datasheet HTML 20Page - Analog Devices ADAS1000BSTZ Datasheet HTML 21Page - Analog Devices ADAS1000BSTZ Datasheet HTML 22Page - Analog Devices ADAS1000BSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Figure 18. Typical Gain Error vs. Gain
Figure 19. Typical Gain Error for All Gain Settings Across Temperature
Figure 20. Typical ECG Channel Leakage Current over Input Voltage Range vs.
Temperature
Figure 21. DC Lead-Off Comparator Low Threshold vs. Temperature
Figure 22. DC Lead-Off Comparator High Threshold vs. Temperature
Figure 23. Filter Response with 40 Hz Filter Enabled, 2 kHz Data Rate; See
Figure 75 for Digital Filter Overview
0.001
0.021
0.041
0.061
0.081
0.101
0.121
GAIN 0
GAIN 1
GAIN 2
GAIN 3
AVDD = 3.3V
GAIN SETTING
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
GAIN ERROR G0
GAIN ERROR G1
GAIN ERROR G2
GAIN ERROR G3
AVDD = 3.3V
GAIN SETTING 0 = 1.4
GAIN SETTING 1 = 2.1
GAIN SETTING 2 = 2.8
GAIN SETTING 3 = 4.2
–5
–4
–3
–2
–1
0
1
2
3
4
5
0.3
0.8
1.3
1.8
2.3
VOLTAGE (V)
+85°C
+55°C
+25°C
–5°C
–40°C
AVDD = 3.3V
GAIN SETTING 0 = 1.4
0.180
0.185
0.190
0.195
0.200
0.205
0.210
0.215
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
ECG DC LEAD-OFF THRESHOLD
RLD DC LEAD-OFF THRESHOLD
AVDD = 3.3V
2.375
2.380
2.385
2.390
2.395
2.400
2.405
2.410
2.415
2.420
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
ECG DC LEAD-OFF THRESHOLD
RLD DC LEAD-OFF THRESHOLD
AVDD = 3.3V
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
10
100
1k
FREQUENCY (Hz)
AVDD = 3.3V
Rev. B | Page 19 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com