Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2N7002SWT1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # L2N7002SWT1G
Description  Small Signal MOSFET 380 mAmps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N7002SWT1G Datasheet(HTML) 3 Page - Leshan Radio Company

  L2N7002SWT1G Datasheet HTML 1Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 2Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 3Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 4Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 5Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 6Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
L2N7002SWT1G, S-L2N7002SWT1G
Small Signal MOSFET
6. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)(Con.)
SWITCHING CHARACTERISTICS
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
BODY–DRAIN DIODE RATINGS
Diode Forward On–Voltage
(IS = 0.5A, VGS = 0 V)
VDS = 30 V, VGEN = 10 V,
ID = 500 mA,RG =25Ω ,RL
=60Ω
td(on)
td(off)
tr
tf
-
-
-
-
VSD
Vdc
-
0.85
-
ns
13
-
8
-
2.7
-
2.5
-
Leshan Radio Company, LTD.
Rev.A
Dec 2016
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com