Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2N7002SWT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # L2N7002SWT1G
Description  Small Signal MOSFET 380 mAmps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N7002SWT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  L2N7002SWT1G Datasheet HTML 1Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 2Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 3Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 4Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 5Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 6Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L2N7002SWT1G, S-L2N7002SWT1G
Small Signal MOSFET
7.ELECTRICAL CHARACTERISTICS CURVES
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
150
Tj,temperature(
℃)
ID=250uA
0
2
4
6
8
10
12
14
16
18
20
1
2
3
4
5
6
7
8
9
10
VGS,Gate-to-Source Voltage(V)
ID=0.5A
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
ID,Drain Current(A)
VGS=4.5V
VGS=10V
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
VDS,Drain-Source Voltage(V)
VGS=2V
VGS=3V
VGS=4V
VGS=5V
VGS=6,7,8,9,10V
Output Characteristics
Drain-to-Source ON Voltage
Transfer Characteristics
Gate Threshold Voltage
Leshan Radio Company, LTD.
Rev.A
Dec 2016
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com