Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2N7002SWT1G Datasheet(PDF) 6 Page - Leshan Radio Company

Part # L2N7002SWT1G
Description  Small Signal MOSFET 380 mAmps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N7002SWT1G Datasheet(HTML) 6 Page - Leshan Radio Company

  L2N7002SWT1G Datasheet HTML 1Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 2Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 3Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 4Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 5Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 6Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
L2N7002SWT1G, S-L2N7002SWT1G
Small Signal MOSFET
7.ELECTRICAL CHARACTERISTICS CURVES(Con.)
0.4
0.9
1.4
1.9
2.4
2.9
3.4
3.9
4.4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
ID,Drrain Current(A)
VGS=4.5V
125
℃
85
℃
25
℃
-55
℃
0.4
0.9
1.4
1.9
2.4
2.9
3.4
3.9
4.4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
ID,Drrain Current(A)
VGS=1
0V
125
℃
85
℃
25
℃
-55
℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
1
2
3
4
5
6
VGS,Gate-Source Voltage(V)
VDS=2V
-55
℃
125
℃
25
℃
Transfer Characteristics
Drain-source on Resistance
Drain-source on Resistance
Leshan Radio Company, LTD.
Rev.A
Dec 2016
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com