Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2N7002SWT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2N7002SWT1G
Description  Small Signal MOSFET 380 mAmps, 60 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2N7002SWT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L2N7002SWT1G Datasheet HTML 1Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 2Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 3Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 4Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 5Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 6Page - Leshan Radio Company L2N7002SWT1G Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1. FEATURES
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
●
S- prefix for automotive and other applications requiring
unique site and control change requirements; AEC-Q101
qualified and PPAP capable.
●
ESD protected
●
Low RDS(on)
2. APPLICATIONS
●
Low side load switch
●
Level shift circuits
●
DC−DC converter
●
Portable applications i.e. DSC, PDA, Cell Phone, etc.
3. DEVICE MARKING AND ORDERING INFORMATION
4. MAXIMUM RATINGS(Ta = 25ºC)
– Steady State TA = 25°C
TA = 85°C
– t<5s
TA = 25°C
TA = 85°C
Pulsed Drain Current (tp=10μs)
Source Current (Body Diode)
A
IS
300
mA
L2N7002SWT1G
S-L2N7002SWT1G
Small Signal MOSFET
380 mAmps, 60 Volts N–Channel SC-70
320
230
IDM
1.5
L2N7002SWT3G
701
10000/Tape&Reel
Parameter
Symbol
Limits
Device
Gate-Source Voltage
VGS
±20
380
270
Unit
Drain–Source Voltage
VDSS
Marking
Shipping
L2N7002SWT1G
701
3000/Tape&Reel
Drain Current
ID
Vdc
Vdc
mAdc
60
SC70(SOT-323)
Leshan Radio Company, LTD.
Rev.A
Dec 2016
1/7


Similar Part No. - L2N7002SWT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2N7002SDW1T1G LRC-L2N7002SDW1T1G Datasheet
1,003Kb / 7P
L2N7002SDW1T1GSmall Signal MOSFET380 mAmps, 60 Volts
L2N7002SDW1T3G LRC-L2N7002SDW1T3G Datasheet
1,003Kb / 7P
L2N7002SDW1T1GSmall Signal MOSFET380 mAmps, 60 Volts
L2N7002SLT1G LRC-L2N7002SLT1G Datasheet
879Kb / 7P
Small Signal MOSFET380mAmps, 60 Volts
L2N7002SLT3G LRC-L2N7002SLT3G Datasheet
879Kb / 7P
Small Signal MOSFET380mAmps, 60 Volts
More results

Similar Description - L2N7002SWT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2N7003LT1 LRC-L2N7003LT1 Datasheet
149Kb / 3P
Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002KLT1G LRC-L2N7002KLT1G Datasheet
302Kb / 5P
Small Signal MOSFET 380 mAmps, 60 Volts N?밅hannel SOT??3
logo
ON Semiconductor
2N7000G ONSEMI-2N7000G Datasheet
92Kb / 4P
Small Signal MOSFET 200 mAmps, 60 Volts
April, 2011 ??Rev. 8
logo
Leshan Radio Company
L2N7002EM3T5G LRC-L2N7002EM3T5G Datasheet
247Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
L2N7002KN3T5G LRC-L2N7002KN3T5G Datasheet
230Kb / 5P
Small Signal MOSFET 380 mAmps, 60 Volts
L2N7002M3T5G LRC-L2N7002M3T5G Datasheet
173Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
logo
Shenzhen Huazhimei Semi...
HM7002DM HMSEMI-HM7002DM Datasheet
326Kb / 5P
Small Signal MOSFET 115 mAmps, 60 Volts
logo
Leshan Radio Company
L2N7002KTT1G LRC-L2N7002KTT1G Datasheet
484Kb / 6P
Small Signal MOSFET 380 mAmps, 60 Volts N?밅hannel
logo
First Silicon Co., Ltd
FTK7002K FS-FTK7002K Datasheet
370Kb / 6P
Small Signal MOSFET 380 mAmps, 60 Volts
FTK7002U FS-FTK7002U Datasheet
734Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com