Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 148Page - STMicroelectronics ST25DV04K Datasheet HTML 149Page - STMicroelectronics ST25DV04K Datasheet HTML 150Page - STMicroelectronics ST25DV04K Datasheet HTML 151Page - STMicroelectronics ST25DV04K Datasheet HTML 152Page - STMicroelectronics ST25DV04K Datasheet HTML 153Page - STMicroelectronics ST25DV04K Datasheet HTML 154Page - STMicroelectronics ST25DV04K Datasheet HTML 155Page - STMicroelectronics ST25DV04K Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
152/220
DocID027603 Rev 4
Response parameters:
•
One byte of data: MB_LEN_Dyn register value
Response parameter:
•
Error code as Error_flag is set
–
02h: command not recognized
–
03h: the option is not supported
–
0Fh: error given with no information
7.6.33
Read Message
On receiving the Read Message command, the ST25DVxxx reads up to 256 byte in the
Mailbox from the location specified by MBpointer and sends back their value in the
response. First MailBox location is '00’. When Number of bytes is set to 00h and MBPointer
is equals to 00h, the MB_LEN bytes of the full message are returned. Otherwise, Read
Message command returns (Number of Bytes + 1) bytes (i.e. 01h returns 2 bytes, FFh
returns 256 bytes).
An error is reported if (Pointer + Nb of bytes + 1) is greater than the message length. RF
Reading of the last byte of the mailbox message automatically clears b1 of MB_CTRL_Dyn
“HOST_PUT_MSG”, and allows RF to put a new message.
The Option_flag is not supported. The Inventory_flag must be set to 0.
Table 164. Read Message Length response format when Error_flag is NOT set
Response
SOF
Response_flags
Data
CRC16
Response
EOF
-
8 bits
8 bits
16 bits
-
Table 165. Read Message Length response format when Error_flag is set
Response
SOF
Response_flags
Error code
CRC16
Response
EOF
-
8 bits
8 bits
16 bits
-
Figure 61. Read Message Length frame exchange between VCD and ST25DVxxx
VCD
SOF
Read Message
Length request
EOF
ST25DVxxx
<-t1-> SOF
Read Message
Length response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com