Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 149Page - STMicroelectronics ST25DV04K Datasheet HTML 150Page - STMicroelectronics ST25DV04K Datasheet HTML 151Page - STMicroelectronics ST25DV04K Datasheet HTML 152Page - STMicroelectronics ST25DV04K Datasheet HTML 153Page - STMicroelectronics ST25DV04K Datasheet HTML 154Page - STMicroelectronics ST25DV04K Datasheet HTML 155Page - STMicroelectronics ST25DV04K Datasheet HTML 156Page - STMicroelectronics ST25DV04K Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 220 page
background image
DocID027603 Rev 4
153/220
ST25DV04K ST25DV16K ST25DV64K
RF operations
219
Request parameters:
•
Request flag
•
UID (Optional)
•
Pointer (start at 00h)
•
Number of bytes is one less then the requested data
Response parameters:
•
(number of data + 1 ) data bytes
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error with no information given
7.6.34
Fast Read Message
On receiving the Fast Read Message command, the ST25DVxxx reads up to 256 byte in the
Mailbox from the location specified by MBpointer and sends back their value in the
response. First MailBox location is '00’. When Number of bytes is set to 00h and MBPointer
is equals to 00h, the MB_LEN bytes of the full message are returned. Otherwise, Fast Read
Message command returns (Number of Bytes + 1) bytes (i.e. 01h returns 2 bytes, FFh
returns 256 bytes).
An error is reported if (Pointer + Nb of bytes + 1) is greater than the message length..
Table 166. Read Message request format
Request
SOF
Request_
flags
Read
Message
IC Mfg
code
UID(1)
1. Gray color means that the field is optional.
MBpointer
Number
of Bytes
CRC16
Request
EOF
-
8 bits
ACh
02h
64 bits
8 bits
8 bits
16 bits
-
Table 167. Read Message response format when Error_flag is NOT set
Response
SOF
Response_flags
Mailbox content
CRC16
Response
EOF
-
8 bits
(Number of bytes + 1) bytes(1)
1. Number of message Bytes when Number of Bytes is set to 00h.
16 bits
-
Figure 62. Read Message frame exchange between VCD and ST25DVxxx
VCD
SOF
Read Message
request
EOF
ST25DVxxx
<-t1-> SOF
Read Message
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com