Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 175Page - STMicroelectronics ST25DV04K Datasheet HTML 176Page - STMicroelectronics ST25DV04K Datasheet HTML 177Page - STMicroelectronics ST25DV04K Datasheet HTML 178Page - STMicroelectronics ST25DV04K Datasheet HTML 179Page - STMicroelectronics ST25DV04K Datasheet HTML 180Page - STMicroelectronics ST25DV04K Datasheet HTML 181Page - STMicroelectronics ST25DV04K Datasheet HTML 182Page - STMicroelectronics ST25DV04K Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 220 page
background image
DocID027603 Rev 4
179/220
ST25DV04K ST25DV16K ST25DV64K
Device parameters
219
Figure 76 indicates how the value of the pull-up resistor can be calculated. In most
applications, though, this method of synchronization is not employed, and so the pull-up
resistor is not necessary, provided that the bus master has a push-pull (rather than open
drain) output.
Figure 76. I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic
capacitance (Cbus)
9.3
GPO Characteristics
This section summarizes the operating and measurement conditions of the GPO feature.
The parameters in the DC and AC characteristic tables that follow are derived from tests
performed under the measurement conditions summarized in the relevant tables.
Table 211. GPO DC characteristics up to 85°C
Symbol
Parameter
Condition
Min
Typ Max Unit
VOL_GPO_CMOS
Output low voltage
(GPO CMOS)
VDCG = 1.8 V, IOL = 0.5 mA
-
-
0.4
V
VDCG = 3.3 V, IOL = 0.5 mA
-
-
0.4
VDCG = 5.5 V, IOL = 0.5 mA
-
-
0.4
VOH_GPO_CMOS
Output high voltage
(GPO CMOS)
VDCG = 1.8 V, IOH = - 0.5 mA VDCG - 0.4
-
-
V
VDCG = 3.3 V, IOH = - 0.5 mA VDCG - 0.4
-
-
VDCG = 5.5 V, IOH = - 0.5 mA VDCG - 0.4
-
-
VOL_GPO_OD
Output low voltage
(GPO open drain)
IOL = 1 mA, VCC = 1.8 V
-
0.28 0.4
V
IOL = 1 mA, VCC = 3.3 V
-
0.20 0.4
IOL = 1 mA, VCC = 5.5 V
-
0.20 0.4
IL_GPO_OD
Output leakage
(GPO open drain)
GPO in Hi-Z, external
voltage applied on:
GPO, VSS or VCC
- 0.15
0.06 0.15 µA
ILI_VDGC
Input leakage (VDGC)VDGC = 5.5 V
-
-
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com