Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04K Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 176Page - STMicroelectronics ST25DV04K Datasheet HTML 177Page - STMicroelectronics ST25DV04K Datasheet HTML 178Page - STMicroelectronics ST25DV04K Datasheet HTML 179Page - STMicroelectronics ST25DV04K Datasheet HTML 180Page - STMicroelectronics ST25DV04K Datasheet HTML 181Page - STMicroelectronics ST25DV04K Datasheet HTML 182Page - STMicroelectronics ST25DV04K Datasheet HTML 183Page - STMicroelectronics ST25DV04K Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 220 page
background image
Device parameters
ST25DV04K ST25DV16K ST25DV64K
180/220
DocID027603 Rev 4
9.4
RF electrical parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device in RF mode.
The parameters in the DC and AC characteristics tables that follow are derived from tests
performed under the Measurement Conditions summarized in the relevant tables.
Designers should check that the operating conditions in their circuit match the measurement
conditions when relying on the quoted parameters.
Table 212. GPO DC characteristics up to 125°C
Symbol
Parameter
Condition
Min
Typ Max Unit
VOL_GPO_CMOS
Output low voltage
(GPO CMOS)
VDCG = 1.8 V, IOL = 0.5 mA
-
-
0.4
V
VDCG = 3.3 V, IOL = 0.5 mA
-
-
0.4
VDCG = 5.5 V, IOL = 0.5 mA
-
-
0.4
VOH_GPO_CMOS
Output high voltage
(GPO CMOS)
VDCG = 1.8 V, IOH = - 0.5 mA VDCG - 0.4
-
-
V
VDCG = 3.3 V, IOH = - 0.5 mA VDCG - 0.4
-
-
VDCG = 5.5 V, IOH = - 0.5 mA VDCG - 0.4
-
-
VOL_GPO_OD
Output low voltage
(GPO open drain)
IOL = 1 mA, VCC = 1.8 V
-
0.28 0.4
V
IOL = 1 mA, VCC = 3.3 V
-
0.22 0.4
IOL = 1 mA, VCC = 5.5 V
-
0.21 0.4
IL_GPO_OD
Output leakage
(GPO open drain)
GPO in Hi-Z, external voltage
applied on GPO: VSS or VCC
- 0.15
0.06 0.15 µA
ILI_VDGC
Input leakage (VDGC)VDGC = 5.5 V
-
-
0.1
µA
Table 213. GPO AC characteristics
Symbol
Parameter
Condition
Min
Max Unit
tr_GPO_CMOS
Output rise time
CL = 30 pF, VDCG = 1.8 V to 5.5 V
-
50
ns
tf_GPO_CMOS
Output fall time
CL = 30 pF, VDCG = 1.8 V to 5.5 V
-
50
Table 214. RF characteristics(1)(2)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fCC
External RF signal frequency
-
13.553 13.56
13.5
67
MHz
H_ISO
Operating field according to ISO
Range 6
TA = -40 °C to 85 °C
150
-
5000 mA/m
Range 8
TA = -40 °C to 105 °C
MICARRIE
R
10% carrier modulation index (3)
MI=(A-B)/(A+B)
150 mA/m > H_ISO > 1000 mA/m
10
-
30
%
100% carrier modulation index
MI=(A-B)/(A+B)(4)
95
-
100
tMIN CD
Minimum time from carrier
generation to first data
From H-field min
-
-
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com