Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9674KBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 29Page - Analog Devices AD9674KBCZ Datasheet HTML 30Page - Analog Devices AD9674KBCZ Datasheet HTML 31Page - Analog Devices AD9674KBCZ Datasheet HTML 32Page - Analog Devices AD9674KBCZ Datasheet HTML 33Page - Analog Devices AD9674KBCZ Datasheet HTML 34Page - Analog Devices AD9674KBCZ Datasheet HTML 35Page - Analog Devices AD9674KBCZ Datasheet HTML 36Page - Analog Devices AD9674KBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
AD9674
Data Sheet
Rev. A | Page 32 of 47
CW DOPPLER OPERATION
Each channel of the AD9674 includes an I/Q demodulator. Each
demodulator has an individual programmable phase shifter.
The I/Q demodulator is ideal for phased array beamforming
applications in medical ultrasound. Each channel can be
programmed for 16 phase settings/360° (or 22.5°/step), selectable
via the SPI port. The device has a RESET± input that is used to
synchronize the LO dividers of each channel. If multiple AD9674
devices are used, a common reset across the array ensures a synch-
ronized phase for all channels. Internal to the AD9674, the
individual Channel I and Channel Q outputs are current summed.
If multiple AD9674 devices are used, the I and Q outputs from
each AD9674 can be current summed and converted to a voltage
using an external transimpedance amplifier.
Quadrature Generation
The internal 0° and 90° LO phases are digitally generated by a
divide by M logic circuit, where M is 4, 8, or 16. The internal
divider is selected via Address 0x02E, Bits[2:1] (see Table 25). The
divider is dc-coupled and inherently broadband; the maximum
LO frequency is limited only by its switching speed. The duty
cycle of the quadrature LO signals must be as close to 50% as
possible for the 4LO and 8LO modes. The 16LO mode does not
require a 50% duty cycle. Furthermore, the divider is implemented
so the multiple LO signal reclocks the final flip flops that generate
the internal LO signals and, therefore, minimizes noise introduced
by the divide circuitry.
For optimum performance, the MLO± input is driven differentially,
as on the AD9670 evaluation board. The common-mode voltage
on each pin is approximately 1.2 V with the nominal 3 V supply.
It is important to ensure that the MLO± source has very low phase
noise (jitter), a fast slew rate, and an adequate input level to
obtain optimum performance of the CW signal chain.
Beamforming applications require a precise channel-to-channel
phase relationship for coherence among multiple channels. The
RESET± input is provided to synchronize the LO divider circuits in
different AD9674 devices when they are used in arrays. The
RESET± input is a synchronous edge triggered input that resets the
dividers to a known state after power is applied to multiple
AD9674 devices.
The RESET± signal can be either a continuous signal or a single
pulse, and can be either synchronized with the MLO± clock edge
(recommended) or it can be asynchronous. If a continuous signal is
used for the RESET±, it must be at the LO rate. For a
synchronous RESET±, the device can be configured to sample
the RESET± signal with either the falling or rising edge of the
MLO± clock, which makes it easier to align the RESET± signal
with the opposite MLO± clock edge. Register 0x02E is used to
configure the RESET± signal behavior. Synchronize the RESET±
input to the MLO± input. Accurate channel to channel phase
matching can be achieved via a common clock on the RESET±
input when using more than one AD9674 device.
I/Q Demodulator and Phase Shifter
The I/Q demodulators consist of double balanced, harmonic
rejection, passive mixers. The RF input signals are converted
into currents by transconductance stages that have a maximum
differential input signal capability matching the full-scale LNA
output. These currents are then presented to the mixers, which
convert them to baseband (RF − LO) and 2× RF (RF + LO).
The signals are phase shifted according to the codes that are
programmed into the SPI latch (see Table 20). The phase shift
function is an integral part of the overall circuit. The phase shift
listed in Table 20 is defined as being between the baseband I or Q
channel outputs. As an example, for a common signal applied to
a pair of RF inputs to an AD9674, the baseband outputs are in
phase for matching phase codes. However, if the phase code for
Channel 1 is 0000 and the phase code for Channel 2 is 0001,
Channel 2 leads Channel 1 by 22.5°.
Table 20. Phase Select Code for Channel to Channel Phase Shift
Φ Shift
I/Q Demodulator Phase (Address 0x02D, Bits[3:0])
0°
0000
22.5°
0001 (not valid in 4LO mode)
45°
0010
67.5°
0011 (not valid in 4LO mode)
90°
0100
112.5°
0101 (not valid in 4LO mode)
135°
0110
157.5°
0111 (not valid in 4LO mode)
180°
1000
202.5°
1001 (not valid in 4LO mode)
225°
1010
247.5°
1011 (not valid in 4LO mode)
270°
1100
292.5°
1101 (not valid in 4LO mode)
315°
1110
337.5°
1111 (not valid in 4LO mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com