Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9674KBCZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9674KBCZ
Description  Octal Ultrasound Analog Front End
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9674KBCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9674KBCZ Datasheet HTML 34Page - Analog Devices AD9674KBCZ Datasheet HTML 35Page - Analog Devices AD9674KBCZ Datasheet HTML 36Page - Analog Devices AD9674KBCZ Datasheet HTML 37Page - Analog Devices AD9674KBCZ Datasheet HTML 38Page - Analog Devices AD9674KBCZ Datasheet HTML 39Page - Analog Devices AD9674KBCZ Datasheet HTML 40Page - Analog Devices AD9674KBCZ Datasheet HTML 41Page - Analog Devices AD9674KBCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Data Sheet
AD9674
Rev. A | Page 37 of 47
DON’T
CARE
DON’T
CARE
DON’T
CARE
DON’T
CARE
SDIO
SCLK
CSB
tS
tDH
tHIGH
tCLK
tLOW
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
Figure 54. Serial Timing Details
Table 23. Serial Timing Definitions
Parameter
Timing (ns min)
Description
tDS
12.5
Setup time between the data and the rising edge of SCLK
tDH
5
Hold time between the data and the rising edge of SCLK
tCLK
40
Period of the clock
tS
5
Setup time between CSB and SCLK
tH
2
Hold time between CSB and SCLK
tHIGH
16
Minimum period that SCLK must be in a logic high state
tLOW
16
Minimum period that SCLK must be in a logic low state
tEN_SDIO
15
Minimum time for the SDIO pin to switch from an input to an output relative to the SCLK falling edge
(not shown in Figure 54)
tDIS_SDIO
15
Minimum time for the SDIO pin to switch from an output to an input relative to the SCLK rising edge (not
shown in Figure 54)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com