Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL230A Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 4Page - ATMEL Corporation ATPL230A Datasheet HTML 5Page - ATMEL Corporation ATPL230A Datasheet HTML 6Page - ATMEL Corporation ATPL230A Datasheet HTML 7Page - ATMEL Corporation ATPL230A Datasheet HTML 8Page - ATMEL Corporation ATPL230A Datasheet HTML 9Page - ATMEL Corporation ATPL230A Datasheet HTML 10Page - ATMEL Corporation ATPL230A Datasheet HTML 11Page - ATMEL Corporation ATPL230A Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
8
5.1.2
Filtering Stage
The filtering stage is composed by band-pass filters which have been designed to achieve high performance in field
deployments complying at the same time with the proper normative and standards.
The in-band flat response filtering stage does not distort the injected signal, reduces spurious emission to the limits
set by the corresponding regulation and blocks potential interferences from other transmission channels.
The filtering stage has three aims:
Band-pass filtering of high frequency components of the square waveform generated by the transmission stage
Adapt Input/Output impedances for optimal reception/transmission. This is controlled by TXRX signals
In some cases, Band-pass filtering for received signals
When the system is intended to be connected to a physical channel with high voltage or which is not electrically
referenced to the same point then the filtering stage must be always followed by a coupling stage.
5.1.3
Coupling Stage
The coupling stage blocks the DC component of the line to/from which the signal is injected/received (i.e.: 50/60 Hz of
the mains). This is carried out by a high voltage capacitor.
Coupling stage could also electrically isolate the coupling circuitry from the external world by means of a 1:1
transformer.
5.1.4
Reception Stage
The reception stage adapts the received analog signal to be properly captured by the ATPL230A internal reception
chain. Reception circuit is independent of the PLC channel which is being used. It basically consists of:
Anti aliasing filter (RC Filter)
Automatic Gain Control (AGC) circuit
Driver of the internal ADC
The AGC circuit avoids distortion on the received signal that may arise when the input signal is high enough to
polarize the protective diodes in direct region.
The driver to the internal ADC comprises a couple of resistors and a couple of capacitors. This driver provides a DC
component and adapts the received signal to be properly converted by the internal reception chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com