Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL230A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 1 Page - ATMEL Corporation

  ATPL230A Datasheet HTML 1Page - ATMEL Corporation ATPL230A Datasheet HTML 2Page - ATMEL Corporation ATPL230A Datasheet HTML 3Page - ATMEL Corporation ATPL230A Datasheet HTML 4Page - ATMEL Corporation ATPL230A Datasheet HTML 5Page - ATMEL Corporation ATPL230A Datasheet HTML 6Page - ATMEL Corporation ATPL230A Datasheet HTML 7Page - ATMEL Corporation ATPL230A Datasheet HTML 8Page - ATMEL Corporation ATPL230A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
Description
ATPL230A is a power line communications base band modem, compliant with the
PHY layer of PRIME (Power Line Intelligent Metering Evolution) specification.
PRIME is an open standard technology used for Smart Grid applications like Smart
Metering, Industrial Lighting and Automation, Home Automation, Street Lighting,
Solar Energy and PHEV Charging Stations.
ATPL230A PRIME device includes enhanced features such as additional robust
modes and frequency band extension. ATPL230A is able to operate in indepen-
dently selectable transmission bands up to 472 kHz, achieving baud rates ranging
from 5.4 kbps up to 128.6 kbps.
ATPL230A has been conceived to be bundled with an external Atmel® MCU or
MPU. Atmel provides a PRIME PHY layer library which is used by the external
MCU/MPU to take control of ATPL230A PHY layer device.
ATPL230A
ATPL Series Power Line Communications Device
DATASHEET


Similar Part No. - ATPL230A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ATPL230A-EK APEX-ATPL230A-EK Datasheet
1Mb / 10P
Evaluation Kit
Rev A
More results

Similar Description - ATPL230A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC79101 BEL-APC79101 Datasheet
165Kb / 1P
Power Packet Power Line Communications AFE Hybrid
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
Power Line Communications
Rev. PrA
logo
Texas Instruments
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
TMS320F28PLC84 TI1-TMS320F28PLC84 Datasheet
1Mb / 132P
TMS320F28PLC8x Power Line Communications (PLC) Processors
logo
ATMEL Corporation
ATPL00B ATMEL-ATPL00B Datasheet
1Mb / 152P
FSK Power Line Communications SoC
ATPL100A ATMEL-ATPL100A Datasheet
219Kb / 10P
FSK Power Line Communications SoC
ATPL250A ATMEL-ATPL250A Datasheet
1Mb / 28P
ATPL Series Power Line Communications Device
logo
Texas Instruments
OPA521 TI1-OPA521 Datasheet
323Kb / 22P
Narrowband Power Line Communications Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com