Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL230A Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 9Page - ATMEL Corporation ATPL230A Datasheet HTML 10Page - ATMEL Corporation ATPL230A Datasheet HTML 11Page - ATMEL Corporation ATPL230A Datasheet HTML 12Page - ATMEL Corporation ATPL230A Datasheet HTML 13Page - ATMEL Corporation ATPL230A Datasheet HTML 14Page - ATMEL Corporation ATPL230A Datasheet HTML 15Page - ATMEL Corporation ATPL230A Datasheet HTML 16Page - ATMEL Corporation ATPL230A Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
13
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
The ATPL230A SPI allows an external device (working as a master), to communicate with the ATPL230A (working as
a slave). Below is a brief description of the SPI signals:
CS, Chip Select (pin no.24):
This input enables/disables the slave SPI. The ATPL230A is configured to work
always as a slave. When disabled (CS pin is tied high), the other SPI signals (SCK, MOSI and MISO) are not
taken into account.
CS = ‘0’: SPI enabled.
CS = ‘1’: SPI disabled.
SCK, Serial Peripheral Interface Clock (pin no.25):
In reception (master slave), data is read from MOSI line
in the rising edge of the SPI clock. In transmission (slave master), data is released to MISO in the falling edge
of the SPI clock.
It is recommended not to work with clock frequencies above 10MHz.
This input only will be taken into account when CS=’0’.
MOSI, Master Out Slave In (pin no.26):
MOSI is the slave’s data input line. Data is read from MOSI line in the
rising edge of SCK.
This input only will be taken into account when CS=’0’.
MISO, Master In Slave Out (pin no.27):
MISO is the slave’s data output line. Data is released to MISO in the
falling edge of SCK.
Furthermore, ATPL230A SPI bridge uses an additional line to send interrupts to the host CPU:
EINT (pin no.60):
This signal is an interrupt from ATPL230A PHY layer to the microcontroller.
In reception, every time a PLC message is received, the PHY Layer generates two interrupts. One of them
when the physical header is correctly received (two first symbols), and the other one when the message is
completely received.
In transmission, an interrupt will be generated every time a complete message has been sent.
This signal is low level active.
6.2
SPI Operation
When establishing a SPI communication (CS line is set to ‘0’ by the master), the first byte sent through MOSI line
corresponds to the operation code. Four different operation types are defined over ATPL230A SPI. The operation
codes are shown in the following table:
Following the operation code, the second and third bytes correspond to the SRAM address (16-bit address).
Depending on the operation code, the master will “read data from”/”write data to”/”mask data in”/”write some data to”
that address.
After the address, a dummy byte is sent.
Table 6-1.
Operation Codes
Operation
Mask type
OpCode
Read
---
0x63
Write
---
0x2A
Mask
AND
0x4C
OR
0x71
XOR
0x6D
Write_rep
---
0x1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com