Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATPL230A Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 45Page - ATMEL Corporation ATPL230A Datasheet HTML 46Page - ATMEL Corporation ATPL230A Datasheet HTML 47Page - ATMEL Corporation ATPL230A Datasheet HTML 48Page - ATMEL Corporation ATPL230A Datasheet HTML 49Page - ATMEL Corporation ATPL230A Datasheet HTML 50Page - ATMEL Corporation ATPL230A Datasheet HTML 51Page - ATMEL Corporation ATPL230A Datasheet HTML 52Page - ATMEL Corporation ATPL230A Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
49
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
arithmetic average of the accumulated errors in each one of the four replicated symbols. The value is cleared by
hardware each time a new message is received in BUF_RX3.
* Viterbi Hard Decision: in “hard” detection there are only two decision levels. If the received value is different than the
corrected one, the error value taken is “1”. Otherwise, the error value taken is “0”.
Figure 8-3.
Example of Viterbi Hard detection decision levels in a BPSK constellation
`1´
`0´
ro
ng
er
`1´
Stro
ng
er
Decision
Thresholds
Symbol
Threshold
Weak `0´
Weak `1´
Φ1
Φ0
Φex
Example:
Received value = 0
Decodified value = Φex
Error accumulated = +0
=
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com