Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS7404B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TDS7404B
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS7404B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TDS7404B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Oscilloscopes •
www.tektronix.com/tds7000B
4
Digital Phosphor Oscilloscopes
TDS7000B Series
Maximum Duration at Highest Real-time Resolution (1-CH)
TDS7054
TDS7104
TDS7154B/TDS7254B/TDS7404B/TDS7704B
Time Resolution (Single-shot)
200 ps (5 GS/s)
100 ps (10 GS/s)
50 ps (20 GS/s)
Max Duration with Standard Memory
400 µs
200 µs
200 µs
Max Duration with Opt. 2M
1.6 ms
800 µs
400 µs
Max Duration with Opt. 3M
3.2 ms
1.6 ms
800 µs
Max Duration with Opt. 4M
1.6 ms
Max Duration with Opt. 5M
3.2 ms
Acquisition Modes
TDS7054/TDS7104
TDS7154B/TDS7254B/TDS7404B/TDS7704B
FastAcq Acquisition
Powered by exclusive DPX® acquisition technology, FastAcq optimizes the instrument
for analysis of dynamic signals and capture of infrequent events
Maximum FastAcq Waveform
>200,000 wfms/sec
>400,000 wfms/sec
Capture Rate
Waveform Database
Accumulate Waveform Database providing three-dimensional array of amplitude, time and counts
Sample
Acquire sampled values
Peak Detect
Captures narrow glitches at all real-time sampling rates
Minimum Peak Detect Pulse Width
≤1 ns
400 ps
Averaging
From 2 to 10,000 waveforms included in average
Envelope
From 2 to 2x109 waveforms included in min-max envelope
Hi-res
Real-time boxcar averaging reduces random noise and increases resolution
FastFrame™ Acquisition
Acquisition memory divided into segments; maximum trigger rate >265,000 waveforms per second.
Time of arrival recorded with each event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com