Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS7404B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TDS7404B
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS7404B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TDS7404B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Oscilloscopes •
www.tektronix.com/tds7000B
6
Digital Phosphor Oscilloscopes
TDS7000B Series
Trigger Modes
Edge – Positive and/or negative slope on any
channel or front panel auxiliary input. Coupling
includes DC, AC, noise reject, HF reject and
LF reject.
Glitch – Trigger on or reject glitches of positive,
negative or either polarity. Minimum glitch width is
1.0 ns with 200 ps resolution (TDS7104/TDS7054).
Minimum glitch width is 170 ps (TDS7704B) or
225 ps (all other B models) with rearm time of
250 ps (B models).
Width – Trigger on width of positive or negative
pulse (down to 170 ps on B models) either within
or out of selectable time limits – 1 ns (TDS7104/
TDS7054) or 340 ps (B models) to 1 s.
Runt – Trigger on a pulse that crosses one threshold
but fails to cross a second threshold before crossing
the first again. Optional time qualification.
Timeout – Trigger on an event which remains high,
low or either, for a specified time period, selectable
from 1 ns (TDS7104/TDS7054) or 340 ps (B models)
to 1 s with 200 ps (TDS7104/TDS7054) or 100 ps
(B models).
Transition – Trigger on pulse edge rates that are
faster or slower than specified. Slope may be
positive, negative or either.
Setup/Hold – Trigger on violations of both setup
time and hold time between clock and data present
on any two input channels.
Pattern – Trigger when pattern goes false or stays
true for specified period of time. Pattern (AND, OR,
NAND, NOR) specified for four input channels
defined as HIGH, LOW or Don’t Care.
State – Any logical pattern of channels (1, 2, 3)
clocked by edge on channel 4. Trigger on rising or
falling clock edge.
Window – Trigger on an event that enters or exits
a window defined by two user-adjustable thresholds.
Event can be time or logic qualified (B models only).
Logic Qualified Trigger applicable to Glitch, Width,
Runt, Timeout, Transition, Setup/Hold, Window
triggers – Trigger on the specified event only if the
logic state defined with the remaining unused chan-
nels occurs (B models only).
Trigger Delay by Time – 16 ns (5 ns for B models)
to 250 seconds.
Trigger Delay by Events – 1 to 10,000,000 Events.
Clock Recovery System (Option SM, ST)
TDS7154B/TDS7254B/TDS7404B/TDS7704B
Clock Recovery Phase Locked Loop Bandwidth
Fbaud/1600 typical
Tracking/Acquisition Range
±2% of requested baud
Clock Recovery Jitter (typical)
0.25% period +5 ps
RMS for PRBS data pattern or 4 psRMS for repeating “011” data patterns
Input Sensitivity for Clock Recovery
1 division peak-to-peak displayed signal
Input Data Rates
1.5 Mbaud to 3.125 Gbaud



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com