Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS7404B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TDS7404B
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS7404B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TDS7404B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Oscilloscopes •
www.tektronix.com/tds7000B
9
Digital Phosphor Oscilloscopes
TDS7000B Series
Physical Characteristics
BENCHTOP CONFIGURATION
Dimensions
mm
in.
Height
277
10.9
Width
455
17.9
Depth
425
16.75
Weight
kg
lbs.
Net
19.1
42.0
Shipping
37
85
RACKMOUNT CONFIGURATION
Dimensions
mm
in.
Height
277
10.5
Width
502
19.75
Depth
486
19.125
Weight
kg
lbs.
Net
18.6
41
Kit
5.6
12.25
MECHANICAL
Cooling – Required
mm
in.
Clearance
Top
0 or >76
0 or >3
Bottom
0
0
Left side
76
3
Right side
76
3
Front
0
0
Rear
0
0
Environmental
Temperature –
Operating: 0 ºC (TDS7104/TDS7054) or +5 ºC
(B models) to +50 ºC, excluding floppy disk and
CD-R/W drives; +10 ºC to +45 ºC, including floppy
disk and CD-ROM drives.
Nonoperating: -22 ºC to +60 ºC.
Humidity –
Operating: 20% to 90% relative humidity with a
maximum wet bulb temperature of +29 ºC at or
below +50 ºC, noncondensing. Upper limit derated
to 25% relative humidity at +50 ºC.
Nonoperating: With no diskette in floppy disk drive.
20% to 90% relative humidity with a maximum wet
bulb temperature of +29 ºC at or below +60 ºC,
noncondensing. Upper limit derated to 20% relative
humidity at +60 ºC.
Altitude –
Operating: 10,000 ft. (3,048 m).
Nonoperating: 40,000 ft. (12,190 m).
Random Vibration –
Operating: 0.000125 G2/Hz from 5 to 350 Hz,
–3 dB/octave from 350 to 500 Hz,
0.0000876 G2/Hz at 500 Hz. Overall level of
0.24 G
RMS.
Nonoperating: 0.0175 G2/Hz from 5 to 100 Hz,
–3 dB/octave from 100 to 200 Hz, 0.00875 G2/Hz
from 200 to 350 Hz, –3 dB/octave from 350 to
500 Hz, 0.006132 G2/Hz at 500 Hz. Overall level
of 2.28 G
RMS.
Electromagnetic Compatibility – 89/336/EEC.
Safety – UL 3111-1, CSA 1010.1, EN61010-1.2,
IEC 61010-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com