Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS7404B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TDS7404B
Description  Digital Phosphor Oscilloscopes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDS7404B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TDS7404B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS7404B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Oscilloscopes •
www.tektronix.com/tds7000B
5
Digital Phosphor Oscilloscopes
TDS7000B Series
Pinpoint ™ Trigger System
TDS7054
TDS7104
TDS7154B/TDS7254B/TDS7404B/TDS7704B
Sensitivity
Internal DC Coupled
0.35 div DC
0.35 div DC
0.5 div DC to 50 MHz increasing to 1.5 div at 3 GHz
to 50 MHz
to 50 MHz
TDS7404B/TDS7704B: 2.7 div at 4 GHz (typical)
increasing to
increasing to
1 div at
1 div at
500 MHz
1 GHz
External (Auxiliary Input)
400 mV from DC
250 mV from DC
150 mV from DC to 50 MHz increasing
to 50 MHz
to 50 MHz
to 500 mV at 2.5 GHz
increasing to
increasing to
750 mV at
500 mV at
100 MHz
100 MHz
Main Trigger Modes
Auto, Normal and Single
Trigger Sequences
Main, Delayed by Time, Delayed by Events. All sequences can include separate horizontal delay
after the trigger event to position the acquisition window in time
Trigger Characteristics
Standard Trigger Types
Edge, Glitch, Runt, Width, Transition
Edge, Glitch, Runt, Width, Transition Time, Timeout, Pattern,
Time, Timeout, Pattern, State,
State, Setup/Hold, Window – all except Edge,
Setup/Hold
Pattern and State can be logic qualified by up to two channels
A Event and Delayed B Event
A Event: All above types
A Event and Delayed B Event: All above types
Trigger Types
Delayed B Event: Edge
Reset: Reset if B Event does not occur within specified time, before
specified number of events, or before specified State changes
Communications-related Triggers
Support for AMI, HDB3, BnZS, CMI, MLT3 and NRZ encoded communications signals.
(requires Option SM)
Select among isolated positive or negative one, zero pulse form or eye patterns as applicable to standard
Serial Pattern Trigger
64-Bit serial word recognizer, bits specified in binary
(requires Option ST)
(high, low, don’t care) or hex format.
Trigger on NRZ-encoded data up to 1.25 GBaud
Trigger Level Range
Internal
±12 divisions from center of screen
External (Auxiliary In)
±8 V
±5 V
Line
fixed at 0 V
Trigger Coupling
DC, AC (attenuates <60 Hz), HF Rej (attenuates >30 kHz), LF Rej (attenuates <80 kHz),
Noise Reject (reduces sensitivity)
Trigger Holdoff Range
250 ns minimum to 12 s maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com