Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8113 Datasheet(PDF) 26 Page - Vitesse Semiconductor Corporation

Part # VSC8113
Description  ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8113 Datasheet(HTML) 26 Page - Vitesse Semiconductor Corporation

Back Button VSC8113 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC8113 Datasheet HTML 28Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8113
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Page 26
© VITESSE SEMICONDUCTOR CORPORATION
G52154-0, Rev 4.2
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
3/19/99
Layout of the High Speed Signals
The routing of the High Speed signals should be done using good high speed design practices. This would
include using controlled impedance lines and keeping the distance between components to an absolute mini-
mum. In addition, stubs should be kept at a minimum as well as any routing discontinuities. This will help min-
imize reflections and ringing on the high speed lines and insure the maximum eye opening. In addition the
output pull down resistor should be placed as close to the VSC8113 pin as possible while the AC-coupling
capacitor and the biasing resistors should be placed as close as possible to the optics input pin. The same is true
on the receive circuit side. Using small outline components and minimum pad sizes also helps in reducing dis-
continuities.
Ground Planes
The ground plane for the components used in the High Speed interface should be continuous and not sec-
tioned in an attempt to provide isolation to various components. Sectioning of the ground planes tends to inter-
fere with the ground return currents on the signal lines. In addition, the smaller the ground planes the less
effective they are in reducing ground bounce noise and the more difficult to decouple. Sectioning of the positive
supplies can provide some isolation benefits.
Figure 13: AC Coupled High Speed I/O
Table 19: AC Coupling Component Values
Component
Value
Tolerance
R1
270 ohms
5%
R2
75 ohms
5%
R3
68 ohms
1%
R4
190 ohms
1%
C1, C2, C3, C4
.01uf High Frequency
PC Board Trace
PC Board Trace
DRIVER
(Optics Module)
RECEIVER
(Optics Module)
VSC8113
PECL I/O
R2
R4
C2
C1
R3
Note: Only one side of a differential signal is shown.
R1
GND
+3.3V
+5.0V
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com