Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F1656 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT32F1656
Description  32-bit ARM Cortex -M3 Microcontroller,up to 256KB Flash and 32KB SRAM with 1 MSPS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F1656 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT32F1656 Datasheet HTML 3Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F1656 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Rev. 1.00
7 of �8
���� ��� �01�
3�-bit ARM® Cortex™-M3 MCU
HT3�F1656/HT3�F1655
2 Features
Core
▀ 32-bit ARM
®
Cortex™-M3 processor core
▀ Up to 72 MHz operating frequency
▀ 1.25 DMIPS/MHz (Dhrystone 2.1)
▀ Single-cycle multiplication and hardware division
▀ Integrated Nested Vectored Interrupt Controller (NVIC)
▀ 24-bit SysTick timer
The Cortex™-M3 processor is a general-purpose 32-bit processor core especially suitable for
products requiring high performance and low power consumption microcontrollers. It offers many
special features such as a Thumb-2 instruction set, hardware divider, low latency interrupt respond
time, atomic bit-banding access and multiple buses for simultaneous accesses. The Cortex™-M3
processor is based on the ARMv7 architecture and supports both Thumb and Thumb-2 instruction
sets.
On-chip Memory
▀ Up to 256 KB on-chip Flash memory for instruction/data and option storage
▀ 32 KB on-chip SRAM
▀ Supports multiple boot modes
The ARM® Cortex™-M3 processor is structured using Harvard architecture which uses a separate
bus structure to fetch instructions and load/store data. The instruction code and data are both
located in the same memory address space but in different address ranges. The maximum address
range of the Cortex™-M3 is 4 GB due to its 32-bit bus address width. Additionally, a pre-defined
memory map is provided by the Cortex™-M3 processor to reduce the software complexity of
repeated implementation for different device vendors. However, some regions are used by the
ARM® Cortex™-M3 system peripherals. Refer to the ARM® Cortex™-M3 Technical Reference
Manual for more information. Figure 2 shows the memory map of the HT32F1656/55 series of
devices, including Code, SRAM, peripheral, and other pre-defined regions.
Flash Memory Controller
▀ Flash accelerator for maximum efficiency
▀ 32-bit word programming with In System Programming Interface (ISP) and In Application
Programming (IAP)
▀ Flash protection capability to prevent illegal access
The Flash Memory Controller, FMC, provides all the necessary functions and pre-fetch buffer
for the embedded on-chip Flash Memory. Since the access speed of the Flash Memory is slower
than the CPU, a wide access interface with a pre-fetch buffer and cache are provided for the Flash
Memory in order to reduce the CPU waiting time which will cause CPU instruction execution
delays. Flash Memory word program/page erase functions are also provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com